Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PIC16F676-E/ST Datasheet(PDF) 44 Page - Microchip Technology

No. de pieza PIC16F676-E/ST
Descripción Electrónicos  14-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/ST Datasheet(HTML) 44 Page - Microchip Technology

Back Button PIC16F676-E/ST Datasheet HTML 40Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 41Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 42Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 43Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 44Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 45Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 46Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 47Page - Microchip Technology PIC16F676-E/ST Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 132 page
background image
PIC16F630/676
DS40039F-page 44
 2010 Microchip Technology Inc.
REGISTER 6-2:
VRCON — VOLTAGE REFERENCE CONTROL REGISTER (ADDRESS: 99h)
6.9
Comparator Interrupts
The comparator interrupt flag is set whenever there is
a change in the output value of the comparator.
Software will need to maintain information about the
status of the output bits, as read from CMCON<6>, to
determine the actual change that has occurred. The
CMIF bit, PIR1<3>, is the comparator interrupt flag.
This bit must be reset in software by clearing it to ‘0’.
Since it is also possible to write a ‘1’ to this register, a
simulated interrupt may be initiated.
The CMIE bit
(PIE1<3>)
and the
PEIE
bit
(INTCON<6>) must be set to enable the interrupt. In
addition, the GIE bit must also be set. If any of these
bits are cleared, the interrupt is not enabled, though the
CMIF bit will still be set if an interrupt condition occurs.
The user, in the Interrupt Service Routine, can clear the
interrupt in the following manner:
a) Any read or write of CMCON. This will end the
mismatch condition.
b) Clear flag bit CMIF.
A mismatch condition will continue to set flag bit CMIF.
Reading CMCON will end the mismatch condition and
allow flag bit CMIF to be cleared.
TABLE 6-2:
REGISTERS ASSOCIATED WITH COMPARATOR MODULE
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
—VRR
—
VR3
VR2
VR1
VR0
bit 7
bit 0
bit 7
VREN: CVREF Enable bit
1 = CVREF circuit powered on
0 = CVREF circuit powered down, no IDD drain
bit 6
Unimplemented: Read as ‘0’
bit 5
VRR: CVREF Range Selection bit
1
= Low range
0
= High range
bit 4
Unimplemented: Read as ‘0’
bit 3-0
VR3:VR0: CVREF value selection bits 0
 VR [3:0]  15
When VRR = 1: CVREF = (VR3:VR0 / 24) * VDD
When VRR = 0: CVREF = VDD/4 + (VR3:VR0 / 32) * VDD
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Note:
If a change in the CMCON register (COUT)
should occur when a read operation is
being executed (start of the Q2 cycle), then
the CMIF (PIR1<3>) interrupt flag may not
get set.
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOD
Value on
all other
Resets
0Bh/8Bh
INTCON
GIE
PEIE
T0IE
INTE
RAIE
T0IF
INTF
RAIF
0000 0000 0000 000u
0Ch
PIR1
EEIF
ADIF
—
—CMIF
—
—
TMR1IF 00-- 0--0 00-- 0--0
19h
CMCON
—COUT
—
CINV
CIS
CM2
CM1
CM0
-0-0 0000 -0-0 0000
8Ch
PIE1
EEIE
ADIE
—
—CMIE
—
—
TMR1IE 00-- 0--0 00-- 0--0
85h
TRISA
—
—
TRISA5 TRISA4 TRISA3 TRISA2 TRISA1 TRISA0 --11 1111 --11 1111
99h
VRCON
VREN
—VRR
—
VR3
VR2
VR1
VR0
0-0- 0000 0-0- 0000
Legend:
x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the comparator module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com