Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MRF49XAT-I/T Datasheet(PDF) 90 Page - Microchip Technology

No. de pieza MRF49XAT-I/T
Descripción Electrónicos  ISM Band Sub-GHz RF Transceiver
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MRF49XAT-I/T Datasheet(HTML) 90 Page - Microchip Technology

Back Button MRF49XAT-I/T Datasheet HTML 86Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 87Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 88Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 89Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 90Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 91Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 92Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 93Page - Microchip Technology MRF49XAT-I/T Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
MRF49XA
DS70590C-page 90
Preliminary
© 2009-2011 Microchip Technology Inc.
6.2
Package Details
This section provides the technical details of the
packages.
16-Lead Plastic Thin Shrink Small Outline (ST) – 4.4 mm Body [TSSOP]
Note:
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging