| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
EFOS3584B5SS Datasheet(PDF) 1 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
EFOS3584B5SS Datasheet(HTML) 1 Page - Panasonic Semiconductor |
|
1 / 5 page ![]() Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use. Should a safety concern arise regarding this product, please be sure to contact us immediately. Ceramic Resonators, Chip Type – EC166 – E F O 4004 Product Code Ceramic Resonators EFO Nominal Oscillation Frequency 4004 Frequency Tolerance ±1.0 % ±0.3 % ±0.5 % 0 3 5 Design No. Packaging Style B E Bulk Pack Embossed Taping Type Built-In Capacitors Type with 3-terminals SS SM BM JM 4to13MHz 4to13MHz 12 to 20 MHz 16 to 20 MHz 30 to 50 MHz 4.00 MHz 16.93 MHz 20.00 MHz 40.00 MHz (Example) 123456789 10 11 12 1695 2005 4005 E F O 3584 Product Code Ceramic Resonators EFO Nominal Oscillation Frequency 3584 Frequency Tolerance ±1.0 % ±0.3 % ±0.5 % 0 3 5 Design No. Packaging Style B E Bulk Pack Embossed Taping Type Built-In Capacitors Type with 3-terminals S B 2to13MHz 13.1 to 20 MHz 3.58 MHz (Example) 123456789 10 11 12 1695 16.93 MHz Ceramic Resonators, Chip Type (3 Array Type) Type: EFOS Type: EFOB Type: EFOSS Type: EFOSM Type: EFOBM Type: EFOJM ■ Features ● Encased in a ceramic package ● High reliability against soldering heat and mechanical stress ● Moisture-proof sealing ● 1.2 mm maximum (SS/SM/BM/JM), ● Designed for reflow soldering ● Flat-bottom plate for better mountings ● Simplifies oscillation circuits by reducing the number of circuit parts ● RoHS compliant ■ Handling Precautions (See Page 175 to 176) ■ Recommended Applications ● Clock generator for microprocessors ● Carrier circuit between telecommunication equipment (Telephone to telephone, personal computer to printer) ■ Explanation of Part Numbers Part Number Frequency range (MHz) Frequency Temperature Characteristics (–20 to +80 °C) Built-in Capacitors (Reference) EFOS 2.00 to 8.39 ±0.2 % 33 pF 8.40 to 13.0 ±1.0 % EFOB 13.1 to 20.0 ±0.5 % 33 pF EFOSS 4.00 to 8.39 ±0.2 % 21 pF 8.40 to 13.0 ±0.3 % EFOSM 4.00 to 8.39 ±0.2 % 33 pF 8.40 to 13.0 ±1.0 % EFOBM 12.0 to 20.0 ±0.3 % 18 pF EFOJM 16.0 to 20.0 ±0.5 % 10 pF 30.0 to 50.0 ±0.2 % ■ Packaging Specifications See Page 169 to 177 01 Feb. 2009 |
Número de pieza similar - EFOS3584B5SS |
|
Descripción similar - EFOS3584B5SS |