| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSU101ILT Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSU101ILT Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 33 page ![]() Electrical characteristics TSU101, TSU102, TSU104 14/33 DocID024317 Rev 2 Figure 20. Output swing vs. input signal frequency Figure 21. Triangulation of a sine wave 10 100 1000 10000 0.0 0.0 0.5 0.5 1.0 1.0 1.5 1.5 2.0 2.0 2.5 2.5 3.0 3.0 3.5 3.5 4.0 4.0 Follower configuration Vcc=3.3V, Vin=3.3Vpp Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF T=25°C Frequency (Hz) 0011223344 -3 -3 -2 -2 -1 -1 00 11 22 33 Follower configuration, Vin=3Vpp, F=1kHz Vcc=3.3V, Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF, T=25°C Time (ms) Figure 22. Large signal response at 3.3 V supply voltage Figure 23. Small signal response at 3.3 V supply voltage 0011223344556677889910 10 -2 -2 -1 -1 00 11 22 Follower configuration, T=25°C Vcc=3.3V Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF Time (ms) 0.0 0.0 0.1 0.1 0.2 0.2 0.3 0.3 0.4 0.4 0.5 0.5 0.6 0.6 0.7 0.7 0.8 0.8 0.9 0.9 1.0 1.0 -35 -30 -30 -25 -20 -20 -15 -10 -10 -5 00 5 10 10 15 20 20 25 30 30 35 Follower configuration, T=25°C Vcc=3.3V Vicm=Vrl=1.65V Rl=10MΩ, Cl=16pF Time (ms) Figure 24. Overshoot vs. capacitive load at 3.3 V supply voltage Figure 25. Phase margin vs. capacitive load at 3.3 V supply voltage 0050 50 100 100 150 150 200 200 00 3 55 8 10 10 13 15 15 18 20 20 23 25 25 28 30 30 Vcc=3.3V, Vicm=Vrl=1.65V Follower configuration 50mVpp step Rl=10MΩ, T=25°C Capacitive load (pF) 0050 50 100 100 150 150 200 200 250 250 00 5 10 10 15 20 20 25 30 30 35 40 40 45 50 50 55 60 60 65 70 70 Vcc=3.3V, Vicm=Vrl=1.65V Gain 101 : Rg=10kΩ, Rf=1MΩ Rl=10MΩ T=25°C Capacitive load (pF) |