Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM833DT Datasheet(PDF) 2 Page - STMicroelectronics

No. de pieza LM833DT
Descripción Electrónicos  Low noise dual operational amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM833DT Datasheet(HTML) 2 Page - STMicroelectronics

  LM833DT Datasheet HTML 1Page - STMicroelectronics LM833DT Datasheet HTML 2Page - STMicroelectronics LM833DT Datasheet HTML 3Page - STMicroelectronics LM833DT Datasheet HTML 4Page - STMicroelectronics LM833DT Datasheet HTML 5Page - STMicroelectronics LM833DT Datasheet HTML 6Page - STMicroelectronics LM833DT Datasheet HTML 7Page - STMicroelectronics LM833DT Datasheet HTML 8Page - STMicroelectronics LM833DT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute maximum ratings
LM833
2/12
Doc ID 2169 Rev 3
1
Absolute maximum ratings
Table 1.
Key parameters and their absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18 or +36
V
Vid
Differential input voltage(1)
1.
Either or both input voltages must not exceed the magnitude of Vcc+ or Vcc-.
±30
V
Vi
Input voltage(1)
±15
V
Iin
Input current (2): Vin driven negative
Input current (3): Vin driven positive above
AMR value
2.
This input current only exists when the voltage at any of the input leads is driven negative. It is due to the
collector-base junction of the input PNP transistor becoming forward-biased and thereby acting as input
diode clamp. In addition to this diode action, there is NPN parasitic action on the IC chip. This transistor
action can cause the output voltages of the Op-amps to go to the VCC voltage level (or to ground for a large
overdrive) for the time during which an input is driven negative.
This is not destructive and normal output is restored for input voltages above -0.3 V.
3.
The junction base/substrate of the input PNP transistor polarized in reverse must be protected by a resistor
in series with the inputs to limit the input current to 400 µA max (R = (Vin - 36 V)/400 µA).
5 mA in DC or 50 mA in
AC (duty cycle = 10%,
T=1s)
0.4
mA
Output short-circuit duration
Infinite
s
Tj
Junction temperature
+150
°C
Tstg
Storage temperature
-65 to +150
°C
Ptot
Maximum power dissipation(4)
4.
Power dissipation must be considered to ensure maximum junction temperature (Tj) is not exceeded.
500
mW
ESD
HBM: human body model(5)
5.
Human body model: 100 pF discharged through a 1.5 k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
MM: machine model(6)
6.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
CDM: charged device model(7)
7.
Charged device model: all pins plus package are charged together to the specified voltage and then
discharged directly to the ground.
1.5
kV
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±2.5 to ±15
V
Toper
Operating free-air temperature range
-40 to 105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12