Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

P0109DA-5AL3 Datasheet(PDF) 10 Page - STMicroelectronics

No. de pieza P0109DA-5AL3
Descripción Electrónicos  Sensitive standard SCRs up to 0.8 A
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA-5AL3 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button P0109DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 9Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 10Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Ordering information
P010xx
10/11
4
Ordering information
5
Revision history
Table 10.
Ordering information
Order code
Marking
Package
Weight
Base qty
Packing mode
P0102AA 1AA3
P0102 AA
TO-92
0.2 g
2500
Bulk
P0102AA 5AL3
P0102 AA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0102AL 5AA4
P2A
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0102BA 1AA3
P0102 BA
TO-92
0.2 g
1000
Bulk
P0102BL 5AA4
P2B
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0102DA 1AA3
P0102 DA
TO-92
0.2 g
2500
Bulk
P0102DA 2AL3
P0102 DA
TO-92
0.2 g
2000
Ammopack
P0102DA 5AL3
P0102 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
P0102DN 5AA4
P2D
SOT-223
0.11 g
3000
Tape and reel 7 inch
P0102MA 1AA3
P0102 MA
TO-92
0.2 g
2500
Bulk
P0102MN 5AA4
P2M
SOT-223
0.11 g
2000
Tape and reel 7 inch
P0109AL 5AA4
P9A
SOT23-3L
0.01 g
3000
Tape and reel 7 inch
P0109DA 1AA3
P0109 DA
TO-92
0.2 g
2500
Bulk
P0109DA 5AL3
P0109 DA
TO-92
0.2 g
2000
Tape and reel 13 inch
Table 11.
Document revision history
Date
Revision
Description of changes
24-Nov-2008
1
First issue.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com