Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PVZ3G102C01R02 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

No. de pieza PVZ3G102C01R02
Descripción Electrónicos  TRIMMER POTENTIOMETER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G102C01R02 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  PVZ3G102C01R02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G102C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
5/12
UNCONTROLLED
COPY
REFERENCE ONLY
5.5 High temperature exposure
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
trimmer potentiometer should be kept in a chamber at 70±2°C without loading for 500±12 hours. The
resistance value should be measured after keeping the trimmer potentiometer in a room for 1.5±1/6 hours.
5.6 Humidity exposure
The wiper contact point should be preset at about 50% position of effective rotational angle. After that,
the trimmer potentiometer should be kept in a chamber at 40±2°C and 90 to 95% without loading for 500±12
hours. The resistance value should be measured after keeping the trimmer potentiometer in a room for 5±1/6
hours.
5.7 Load life
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
trimmer potentiometer should be kept in a chamber at 50±2°C with loading the 1/2 rated voltage between #1
and #2 terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12 hours. The resistance value
should be measured after keeping the trimmer potentiometer in a room for 1.5±1/6 hours.
5.8 Humidity load life
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
trimmer potentiometer should be kept in a chamber at 40±2°C and 90 to 95% with loading the 1/2 rated voltage
between #1 and #2 terminals, intermittently 1.5 hours ON and 0.5 hours OFF for 1000±12hours.
The resistance value should be measured after keeping the trimmer potentiometer in a room for 5±1/6 hours.
5.9 Temperature cycle
The wiper contact point should be preset at about
50% position of effective rotational angle. After that,
the trimmer potentiometer should be subjected to
Table 2 temperatures for 5 cycles. The resistance
value should be measured after keeping the trimmer
potentiometer in a room for 1.5±1/6 hours.
5.10 Rotational life
The wiper should be rotated over 90% of the effective rotational angle without loading at a speed of 10 cycles
per minute, for 10 cycles continuously. The resistance value should be measured after keeping the trimmer
potentiometer in a room for 10±5 minutes.
5.11 Vibration
The wiper contact point should be preset at about 50% position of effective rotational angle. After that, the
trimmer potentiometer should be tested under the condition of the amplitude of 1.5mm, the frequency range
from 10 to 55Hz (shall be traversed in approximately one minute) and 2 hours in each of 3 mutually
perpendicular directions. (Total 6 hours)
Table 2
Sequence
1
2
3
4
Temp. (°C)
-25±3
+25±2
+85±3
+25±2
Time (min.)
30±3
10 max.
30±3
10 max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com