| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F030x8 Datasheet(PDF) 28 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F030x8 Datasheet(HTML) 28 Page - STMicroelectronics |
|
28 / 88 page ![]() Pinouts and pin descriptions STM32F030x4 STM32F030x6 STM32F030x8 28/88 DocID024849 Rev 1 34 26 - - PB13 I/O FT SPI1_SCK(2), SPI2_SCK(3), TIM1_CH1N - 35 27 - - PB14 I/O FT SPI1_MISO(2), SPI2_MISO(3), TIM1_CH2N, TIM15_CH1(3) - 36 28 - - PB15 I/O FT SPI1_MOSI(2), SPI2_MOSI(3), TIM1_CH3N, TIM15_CH1N(3), TIM15_CH2(3) RTC_REFIN 37 - - - PC6 I/O FT TIM3_CH1 - 38 - - - PC7 I/O FT TIM3_CH2 - 39 - - - PC8 I/O FT TIM3_CH3 - 40 - - - PC9 I/O FT TIM3_CH4 - 41 29 18 - PA8 I/O FT USART1_CK, TIM1_CH1, EVENTOUT, MCO - 42 30 19 17 PA9 I/O FT USART1_TX, TIM1_CH2, TIM15_BKIN(3) I2C1_SCL(2) - 43 31 20 18 PA10 I/O FT USART1_RX, TIM1_CH3, TIM17_BKIN I2C1_SDA(2) - 44 32 21 - PA11 I/O FT USART1_CTS, TIM1_CH4, EVENTOUT - 45 33 22 - PA12 I/O FT USART1_RTS, TIM1_ETR, EVENTOUT - 46 34 23 19 PA13 (SWDIO) I/O FT (5) IR_OUT, SWDIO - 47 35 - - PF6 I/O FT I2C1_SCL(2), I2C2_SCL(3) - Table 11. Pin definitions (continued) Pin number Pin name (function after reset) Notes Pin functions Alternate functions Additional functions |