Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD8634 Datasheet(PDF) 1 Page - Analog Devices

No. de pieza AD8634
Descripción Electrónicos  High Temperature, Low Power Operational Amplifier
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD8634 Datasheet(HTML) 1 Page - Analog Devices

  AD8634 Datasheet HTML 1Page - Analog Devices AD8634 Datasheet HTML 2Page - Analog Devices AD8634 Datasheet HTML 3Page - Analog Devices AD8634 Datasheet HTML 4Page - Analog Devices AD8634 Datasheet HTML 5Page - Analog Devices AD8634 Datasheet HTML 6Page - Analog Devices AD8634 Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
High Temperature, Low Power
Operational Amplifier
Preliminary Technical Data
AD8634
Rev. PrA
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Extreme high temperature operation
−40°C to +210°C, flatpack package
−40°C to +175°C, SOIC package
Rail-to-rail output
Low power: 1 mA maximum
Gain bandwidth product: 10 MHz at AV = 100 typical
Low offset voltage: 200 μV maximum
Unity-gain stable
High slew rate: 2.5 V/μs typical
Low noise: 4 nV/√Hz typical at 1 kHz
APPLICATIONS
Downhole drilling and instrumentation
Avionics
Heavy industrial
High temperature environments
GENERAL DESCRIPTION
The AD8634 is a single-supply, 10 MHz bandwidth, dual
amplifier that features rail-to-rail outputs. The AD8634 is
guaranteed to operate from 3 V to 30 V (or ±1.5 V to ±15 V)
and at very high temperatures.
The AD8634 is well suited for single-supply applications that
require both ac and precision dc performance. The combination
of wide bandwidth, low noise, and precision makes the AD8634
useful in a wide variety of applications, including filters and
interfacing with a variety of sensors.
This dual-channel op amp is offered in an 8-lead SOIC plastic
package with an operating temperature range of −40°C to +175°C.
It is also available in an 8-lead ceramic flat package (flatpack)
with an operating temperature range of −40°C to +210°C. Both
packages are designed for robustness at extreme temperatures
and are qualified for 1000 hours of operation at the maximum
temperature rating.
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8634
TOP VIEW
(Not to Scale)
Figure 1. SOIC and Flatpack Pinout
The AD8634 is a member of a growing series of high temperature
qualified products offered by Analog Devices, Inc. For a complete
selection table of available high temperature products, see the
high temperature product list and qualification data available at
www.analog.com/hightemp.


Número de pieza similar - AD8634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Guangdong Youtai Semico...
AD8634 UMW-AD8634 Datasheet
1Mb / 15P
480μA, 6.5MHz, RRIO CMOS Operational Amplifiers
More results

Descripción similar - AD8634

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
OP-97 AD-OP-97 Datasheet
470Kb / 10P
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER
OP97 AD-OP97 Datasheet
363Kb / 12P
Low-Power, High-Precision Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195 Datasheet
396Kb / 12P
Low Power, High Speed Operational Amplifier
logo
List of Unclassifed Man...
HT1104 ETC1-HT1104 Datasheet
302Kb / 8P
HIGH TEMPERATURE QUAD OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2705 INTERSIL-HA-2705 Datasheet
514Kb / 3P
Low Power, High Performance Operational Amplifier
September 1998
logo
Linear Technology
LT1195 LINER-LT1195_02 Datasheet
334Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
OP97 AD-OP97_07 Datasheet
616Kb / 16P
Low Power, High Precision Operational Amplifier
Rev. F
logo
Global Mixed-mode Techn...
G1577 GMT-G1577 Datasheet
380Kb / 1P
Low Power Operational Amplifier
logo
Linear Technology
LT1195 LINER-LT1195_15 Datasheet
344Kb / 12P
Low Power, High Speed Operational Amplifier
logo
Analog Devices
AD847 AD-AD847_17 Datasheet
602Kb / 6P
High Speed Low Power Operational Amplifier
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com