Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4700-1ARDZ-R7 Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADA4700-1ARDZ-R7
Descripción Electrónicos  High Voltage, Precision Operational Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4700-1ARDZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4700-1ARDZ-R7 Datasheet HTML 2Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 3Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 4Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 5Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 6Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 7Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 8Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 9Page - Analog Devices ADA4700-1ARDZ-R7 Datasheet HTML 10Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ADA4700-1
Preliminary Technical Data
Rev. PrB | Page 6 of 10
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
NOISE PERFORMANCE
Total Harmonic Distortion + Noise
THD + N
G= +1, VIN = 10 V p-p at 1 kHz; RL = 10k
Bandwidth = 80 kHz
TBD
%
Bandwidth = 500 kHz
TBD
%
Peak-to-Peak Noise
en p-p
f = 0.1 Hz to 10 Hz
TBD
μV p-p
Voltage Noise Density
en
f = 1 kHz
13
nV/√Hz
f = 10 Hz
40
nV/√Hz
Current Noise Density
in
f = 1 kHz
TBD
fA/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10