| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BAS70-09P6FILM Datasheet(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BAS70-09P6FILM Datasheet(HTML) 4 Page - STMicroelectronics |
|
4 / 14 page ![]() Characteristics BAS70 4/14 Doc ID 12563 Rev 2 Figure 7. Forward voltage drop versus forward current (typical values) Figure 8. Differential forward resistance versus forward current (typical values) 1.E-01 1.E+00 1.E+01 1.E+02 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 IFM(mA) Tj=125 °C Tj=25 °C VFM(V) 10 100 1000 0.1 1.0 10.0 F=100 MHz Tj=25 °C R( ) F Ω IF(mA) Figure 9. Relative variation of thermal impedance junction to ambient versus pulse duration Figure 10. Relative variation of thermal impedance junction to ambient versus pulse duration 10 100 1000 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 Z th(j-a)(°C/W) Single pulse SOT-323-6L tP(s) printed circuit board, epoxy FR4 e = 35 µm SOT-323-6L CU 0.01 0.10 1.00 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 Z th(j-a)/Rth(j-a) Single pulse SOT-23 Aluminesubstrate 10 x 8 x 0.5 mm tP(s) alluminium oxide substrate 10 x 8 x 0.5 mm SOT-23 Figure 11. Relative variation of thermal impedance junction to ambient versus pulse duration Figure 12. Relative variation of thermal impedance junction to ambient versus pulse duration 0.01 0.10 1.00 1.E-02 1.E-01 1.E+00 1.E+01 1.E+02 Z th(j-a)/Rth(j-a) Single pulse SOD-323 EpoxyFR4 S CU=2.25 mm² e CU=35 µm tP(s) printed circuit board, epoxy FR4 e = 35 µm SOD-323 CU 0.01 0.10 1.00 1.E-03 1.E-02 1.E-01 1.E+00 1.E+01 Z th(j-a)/Rth(j-a) Single pulse SOT-666 Epoxy FR4 e CU=35 µm tP(s) printed circuit board, epoxy FR4 e = 35 µm SOT-666 CU |