Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

M24256-BFDW6TP Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza M24256-BFDW6TP
Descripción Electrónicos  256-Kbit serial I²C bus EEPROM
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24256-BFDW6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24256-BFDW6TP Datasheet HTML 9Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 10Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 11Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 12Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 13Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 14Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 15Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 16Page - STMicroelectronics M24256-BFDW6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
M24256-BW M24256-BR M24256-BF M24256-DR M24256-DF
Device operation
Doc ID 6757 Rev 30
13/40
4.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 2 (on Serial Data (SDA), most significant bit first).
When the device select code is received, the device only responds if the Chip Enable
Address is the same as the value on the Chip Enable (E2, E1, E0) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the device select code, it deselects itself from the bus, and goes into Standby mode.
Table 2.
Device select code
Device type identifier(1)
1.
The most significant bit, b7, is sent first.
Chip Enable address(2)
2.
E0, E1 and E2 are compared with the value read on input pins E0, E1,and E2.
RW
b7
b6
b5
b4
b3
b2
b1
b0
Device select code
when addressing the
memory array
1010
E2
E1
E0
RW
Device select code
when accessing the
Identification page
1011
E2
E1
E0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40