Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

BAS70KFILM Datasheet(PDF) 12 Page - STMicroelectronics

No. de pieza BAS70KFILM
Descripción Electrónicos  Low capacitance, low series inductance and resistance Schottky diodes
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAS70KFILM Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BAS70KFILM Datasheet HTML 6Page - STMicroelectronics BAS70KFILM Datasheet HTML 7Page - STMicroelectronics BAS70KFILM Datasheet HTML 8Page - STMicroelectronics BAS70KFILM Datasheet HTML 9Page - STMicroelectronics BAS70KFILM Datasheet HTML 10Page - STMicroelectronics BAS70KFILM Datasheet HTML 11Page - STMicroelectronics BAS70KFILM Datasheet HTML 12Page - STMicroelectronics BAS70KFILM Datasheet HTML 13Page - STMicroelectronics BAS70KFILM Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
Package information
BAS70
12/14
Doc ID 12563 Rev 2
Figure 22.
SOT-666 footprint (dimensions in mm)
Table 12.
SOT-666 dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.45
0.60
0.018
0.024
A3
0.08
0.18
0.003
0.007
b
0.17
0.34
0.007
0.013
b1
0.19
0.27
0.34
0.007 0.011 0.013
D
1.50
1.70
0.059
0.067
E
1.50
1.70
0.059
0.067
E1
1.10
1.30
0.043
0.051
e0.50
0.020
L1
0.19
0.007
L2
0.10
0.30
0.004
0.012
L3
0.10
0.004
D
b
L3
L1
e
b1
E1
L2
E
A
A3
0.50
2.60
0.62
0.30
0.99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14