Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HMC7229LS6 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

No. de pieza HMC7229LS6
Descripción Electrónicos  GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER With Power Detector, 37 - 40 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HITTITE [Hittite Microwave Corporation]
Página de inicio  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC7229LS6 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC7229LS6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 8Page - Hittite Microwave Corporation HMC7229LS6 Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
4
HMC7229LS6
v00.0513
GaAs pHEMT MMIC 1 WATT POWER AMPLIFIER
With Power Detector, 37 - 40 GHz
Output IP3 vs. Supply Voltage,
Pout/tone = +20 dBm
Output IM3 @ Vdd = +5V
Output IM3 @ Vdd = +5.5V
Output IM3 @ Vdd = +6V
34
36
38
40
42
37
38
39
40
5V
5.5V
6V
FREQUENCY (GHz)
20
30
40
50
60
70
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)
20
30
40
50
60
70
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)
Power Compression @ 38 GHz
Power Compression @ 39 GHz
0
5
10
15
20
25
30
35
900
1050
1200
1350
1500
1650
1800
1950
-15
-12
-9
-6
-3
0
3
6
9
12
Idd
Pout
Gain
PAE
INPUT POWER (dBm)
0
5
10
15
20
25
30
35
900
1050
1200
1350
1500
1650
1800
1950
-15
-12
-9
-6
-3
0
3
6
9
12
Idd
Pout
Gain
PAE
INPUT POWER (dBm)
20
30
40
50
60
70
10
12
14
16
18
20
22
24
37 GHz
38 GHz
39 GHz
40 GHz
Pout/TONE (dBm)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com