Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29LV400BT-70SC Datasheet(PDF) 10 Page - SPANSION

No. de pieza AM29LV400BT-70SC
Descripción Electrónicos  4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SPANSION [SPANSION]
Página de inicio  http://www.spansion.com
Logo SPANSION - SPANSION

AM29LV400BT-70SC Datasheet(HTML) 10 Page - SPANSION

Back Button AM29LV400BT-70SC Datasheet HTML 6Page - SPANSION AM29LV400BT-70SC Datasheet HTML 7Page - SPANSION AM29LV400BT-70SC Datasheet HTML 8Page - SPANSION AM29LV400BT-70SC Datasheet HTML 9Page - SPANSION AM29LV400BT-70SC Datasheet HTML 10Page - SPANSION AM29LV400BT-70SC Datasheet HTML 11Page - SPANSION AM29LV400BT-70SC Datasheet HTML 12Page - SPANSION AM29LV400BT-70SC Datasheet HTML 13Page - SPANSION AM29LV400BT-70SC Datasheet HTML 14Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
8
Am29LV400B
21523D4 December 4, 2006
D A TA
SH EE T
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combi-
nation) is formed by a combination of the elements below.
Valid Combinations
Valid Combinations list configurations planned to be sup-
ported in volume for this device. Consult the local AMD sales
office to confirm availability of specific valid combinations and
to check on newly released combinations.
Am29LV400B
T
-55R
E
C
TEMPERATURE RANGE
D
=
Commercial (0°C to +70°C); Lead (Pb)-Free Package
C
=
Commercial (0°C to +70°C)
F
=
Industrial (-40°C to 85°C); Lead (Pb)-Free Package
I
=
Industrial (–40
°C to +85°C)
K
=
Extended (–55
°C to +125°C); Lead (Pb)-Free Package
E
=
Extended (–55
°C to +125°C)
PACKAGE TYPE
E
=
48-Pin Thin Small Outline Package (TSOP) Standard Pinout (TS 048)
F
=
48-Pin Thin Small Outline Package (TSOP) Reverse Pinout (TSR048)
S
=
44-Pin Small Outline Package (SO 044)
WA
=
48-Ball Fine Pitch Ball Grid Array (FBGA)
0.80 mm pitch, 6 x 8 mm package (FBA048)
SPEED OPTION
See Product Selector Guide and Valid Combinations
BOOT CODE SECTOR ARCHITECTURE
T
=
Top sector
B
=
Bottom sector
DEVICE NUMBER/DESCRIPTION
Am29LV400B
4 Megabit (512 K x 8-Bit/256 K x 16-Bit) CMOS Flash Memory
3.0 Volt-only Read, Program, and Erase
Valid Combinations for TSOP and SO Packages
AM29LV400BT55R,
AM29LV400BB55R
ED, EF, EK, EC, EI, FC, FD, FF, FK,
FI, SC, SI, SD, SF, SK
AM29LV400BT70,
AM29LV400BB70
EC, EI, EE,
FC, FI, FE,
SC, SI, SE,
ED, EF, EK, FD, FF, FK
SD, SF, SK
AM29LV400BT90,
AM29LV400BB90
AM29LV400BT120,
AM29LV400BB120
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29LV400BT55R,
AM29LV400BB55R
WAC,WAI,
WAD,WAF,
WAK
L400BT55R,
L400BB55R
C, I, D,
F, K
AM29LV400BT70,
AM29LV400BB70
WAC, WAI,
WAE,WAD,
WAF,WAK
L400BT70V,
L400BB70V
C, I, E,
D, F, K
AM29LV400BT90,
AM29LV400BB90
L400BT90V,
L400BB90V
AM29LV400BT120,
AM29LV400BB120
L400BT12V,
L400BB12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com