| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ICS83054AGILF Datasheet(PDF) 1 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS83054AGILF Datasheet(HTML) 1 Page - Integrated Device Technology |
|
1 / 14 page ![]() 4:1, SINGLE-ENDED MULTIPLEXER ICS83054I IDT™ / ICS™ 4:1, SINGLE-ENDED MULTIPLEXER 1 ICS83054AGI REV. C MARCH 7, 2008 GENERAL DESCRIPTION The ICS83054I is a low skew, 4:1, Single-ended Multiplexer and a member of the HiPerClockS™ family of High Performance Clock Solutions from IDT. The ICS83054I has four selectable single- ended clock inputs and one single-ended clock output. The output has a V DDO pin which may be set at 3.3V, 2.5V, or 1.8V, making the device ideal for use in voltage trans- lation applications. An output enable pin places the output in a high impedance state which may be useful for testing or debug purposes. The device operates up to 250MHz and is packaged in a 16 TSSOP package. HiPerClockS™ ICS BLOCK DIAGRAM PIN ASSIGNMENT FEATURES • 4:1 single-ended multiplexer • Q nominal output impedance: 7 Ω (V DDO = 3.3V) • Maximum output frequency: 250MHz • Propagation delay: 3ns (maximum), V DD = VDDO = 3.3V • Input skew: 225ps (maximum), V DD = VDDO = 3.3V • Part-to-part skew: 780ps (maximum), V DD = VDDO = 3.3V • Additive phase jitter, RMS: 0.19ps (typical), 3.3V/3.3V • Operating supply modes: V DD/VDDO 3.3V/3.3V 3.3V/2.5V 3.3V/1.8V 2.5V/2.5V 2.5V/1.8V • -40°C to 85°C ambient operating temperature • Available in both standard (RoHS 5) and lead-free (RoHS 6) packages CLK0 CLK1 CLK2 CLK3 SEL1 SEL0 OE Q Q nc OE CLK3 GND nc SEL1 CLK2 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 VDDO nc CLK0 nc VDD nc CLK1 SEL0 ICS83054I 16-Lead TSSOP 4.4mm x 5.0mm x 0.92mm package body G Package Top View |
Número de pieza similar - ICS83054AGILF |
|
Descripción similar - ICS83054AGILF |