Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PFL4517 Datasheet(PDF) 2 Page - Coilcraft lnc.

No. de pieza PFL4517
Descripción Electrónicos  Shielded Power Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  COILCRAFT [Coilcraft lnc.]
Página de inicio  http://www.coilcraft.com
Logo COILCRAFT - Coilcraft lnc.

PFL4517 Datasheet(HTML) 2 Page - Coilcraft lnc.

  PFL4517 Datasheet HTML 1Page - Coilcraft lnc. PFL4517 Datasheet HTML 2Page - Coilcraft lnc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
US
UK
Taiwan
China
Singapore
+1-847-639-6400 sales@coilcraft.com
+44-1236-730595 sales@coilcraft-europe.com
+886-2-2264 3646 sales@coilcraft.com.tw
+86-21-6218 8074 sales@coilcraft.com.cn
+ 65-6484 8412 sales@coilcraft.com.sg
© Coilcraft Inc. 2012
This product may not be used in medical of high
risk applications without prior Coilcraft approval.
Specification subject to change without notice.
Please check out web site for latest information.
PFL4517 Series
Document 831-2
Irms Derating
-40
-20
020406080
100
140
120
Ambient temperature (°C)
120
110
100
90
80
70
60
50
40
30
20
10
0
L vs Frequency
L vs Current
Dimensionsarein
inches
mm
Terminal wraparound:
approx 0.01/0,254 both ends
Recommended
Land Pattern
0.025
0,64
0.067
1,7
max
0.193
4,90 max
0.134
3,40
max
0.022
0,56
0.022
0,56
0.145
3,68
0.045
1,14
0.136
3.45
0.165
4,20
0.120
3,05
0.1
1
10
100
0.01
0.1
10
1
Current (A)
10 µH
5.6 µH
0.68 µH
4.7 µH
2.2 µH
3.3 µH
1 µH
8.2 µH
Frequency (MHz)
0.1
1
10
100
0.1
1
1000
100
10
10 µH
5.6 µH
8.2 µH
0.68 µH
4.7 µH
2.2 µH
3.3 µH
1 µH
Document 831-2 Revised 12/13/11



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com