| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD5204BRUZ100-R7 Datasheet(PDF) 19 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5204BRUZ100-R7 Datasheet(HTML) 19 Page - Analog Devices |
|
19 / 20 page ![]() AD5204/AD5206 Rev. C | Page 19 of 20 Model1, 2 kΩ Temperature Range Package Description Package Option AD5204BRZ50-REEL 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5204BRU50 50 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRU50-REEL 50 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRU50-REEL7 50 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRUZ50 50 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRUZ50-REEL7 50 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BN100 100 −40°C to +85°C 24-Lead Plastic Dual In-Line Package [PDIP] N-24-1 AD5204BR100 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5204BR100-REEL 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5204BRZ100 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5204BRZ100-REEL 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5204BRU100 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRU100-REEL7 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRUZ100 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5204BRUZ100-R7 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BN10 10 −40°C to +85°C 24-Lead Plastic Dual In-Line Package [PDIP] N-24-1 AD5206BR10 10 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BR10-REEL 10 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRZ10 10 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRZ10-REEL 10 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRU10 10 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRU10-REEL7 10 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRUZ10 10 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRUZ10-RL7 10 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BN50 50 −40°C to +85°C 24-Lead Plastic Dual In-Line Package [PDIP] N-24-1 AD5206BR50 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BR50-REEL 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRZ50 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRU50 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRU50-REEL 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRU50-REEL7 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRUZ50 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRUZ50-REEL7 50 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BN100 100 −40°C to +85°C 24-Lead Plastic Dual In-Line Package [PDIP] N-24-1 AD5206BR100 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BR100-REEL 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRZ100 100 −40°C to +85°C 24-Lead Standard Small Outline Package [SOIC_W] RW-24 AD5206BRU100 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRU100-REEL7 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRUZ100 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 AD5206BRUZ100-RL7 100 −40°C to +85°C 24-Lead Thin Shrink Small Outline Package [TSSOP] RU-24 1 The AD5204/AD5206 each contains 5,925 transistors. Die size is 92 mil × 114 mil, or 10,488 sq. mil. 2 Z = RoHS Compliant Part. |