| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F373VC Datasheet(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373VC Datasheet(HTML) 37 Page - STMicroelectronics |
|
37 / 128 page ![]() STM32F37x Pinouts and pin description Doc ID 022691 Rev 3 37/128 73 C11 47 35 PF6 I/O FTf SPI1_MOSI/I2S1_SD, USART3_RTS, TIM4_CH4, I2C2_SCL 74 F11 VSS_3 S (1) Ground 75 G11 VDD_3 S (1) Digital power supply 48 36 PF7 I/O FTf I2C2_SDA, USART2_CK 76 A10 49 37 PA14 I/O FTf I2C1_SDA, TIM12_CH1, TSC_G4_IO4, SWCLK-JTCK 77 A9 50 38 PA15 I/O FTf SPI1_NSS/I2S1_WS, SPI3_NSS/I2S3_WS, I2C1_SCL, TIM2_CH1_ETR, TIM12_CH2, TSC_SYNC, JTDI 78 B11 51 PC10 I/O FT (1) SPI3_SCK/I2S3_CK, USART3_TX, TIM19_CH1 79 C10 52 PC11 I/O FT (1) SPI3_MISO/I2S3_MCK, USART3_RX, TIM19_CH2 80 B10 53 PC12 I/O FT (1) SPI3_MOSI/I2S3_SD, USART3_CK, TIM19_CH3 81 C9 PD0 I/O FT (1) CAN_RX, TIM19_CH4 82 B9 PD1 I/O FT (1) CAN_TX, TIM19_ETR 83 C8 54 PD2 I/O FT (1) TIM3_ETR 84 B8 PD3 I/O FT (1) SPI2_MISO/I2S2_MCK, USART2_CTS 85 B7 PD4 I/O FT (1) SPI2_MOSI/I2S2_SD, USART2_RTS 86 A6 PD5 I/O FT (1) USART2_TX 87 B6 PD6 I/O FT (1) SPI2_NSS/I2S2_WS, USART2_RX 88 A5 PD7 I/O FT (1) SPI2_SCK/I2S2_CK, USART2_CK 89 A8 55 39 PB3 I/O FT SPI1_SCK/I2S1_CK, SPI3_SCK/I2S3_CK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM13_CH1, TSC_G5_IO1, JTDO-TRACESWO Table 11. STM32F37x pin definitions (continued) Pin numbers Pin name (function after reset) Pin type Pin functions Alternate function Additional functions |