| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ATAVRISP2 Datasheet(PDF) 4 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATAVRISP2 Datasheet(HTML) 4 Page - ATMEL Corporation |
|
4 / 24 page ![]() 4 AVR069 8015B-AVR-02/06 Field Size Value Description Status 1 byte STATUS_CMD_FAILED A status value indicating that the operation failed. The only reason for the operation to fail is that an illegal parameter is requested. 3.1.4 CMD_OSCCAL This command performs a calibration sequence as described in application note AVR053. Table 3-8. Command format Field Size Value Description Command ID 1 byte CMD_OSCCAL Command id Table 3-9. Answer format Field Size Value Description Answer ID 1 byte CMD_OSCCAL Answer id Status 1 byte STATUS_CMD_OK or STATUS_CMD_FAILED A status value indicating the result of the operation 3.1.5 CMD_LOAD_ADDRESS This command will load an address into the AVRISP mkII. The next Program Flash, Read Flash, Program EEPROM or Read EEPROM command will operate from the address set with this command. The command is used in all programming modes. All the abovementioned commands will increment an internal address counter, so this command needs only to be sent once. Table 3-10. Command format Field Size Value Description Command ID 1 byte CMD_LOAD_ADDRESS Command id Address 4 bytes The address, four bytes, MSB first For word-addressed memories (program flash), the Address parameter is the word address. If bit 31 is set, this indicates that the following read/write operation will be performed on a memory that is larger than 64KBytes. This is an indication to AVRISP mkII that a load extended address must be executed. See datasheet for devices with memories larger than 64KBytes. Table 3-11. Answer format. Field Size Value Description Answer ID 1 byte CMD_LOAD_ADDRESS Answer id Status 1 byte STATUS_CMD_OK This command will always return STATUS_CMD_OK |