| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MAX705C/D Datasheet(PDF) 9 Page - Maxim Integrated Products |
|
|
|||||||||||||||||||||||||||||
MAX705C/D Datasheet(HTML) 9 Page - Maxim Integrated Products |
|
9 / 12 page ![]() Low-Cost, µP Supervisory Circuits 9 Maxim Integrated MAX705–MAX708/MAX813L __Ordering Information (continued) 8 CERDIP** -55°C to +125°C MAX813LMJA 8 Plastic DIP 0°C to +70°C MAX708CPA 8SO 0°C to +70°C MAX708CSA Dice* 0°C to +70°C MAX708C/D 8 Plastic DIP -40°C to +85°C MAX708EPA 8SO -40°C to +85°C MAX708ESA 8 CERDIP** -55°C to +125°C MAX708MJA 8 Plastic DIP 0°C to +70°C MAX813LCPA 8SO 0°C to +70°C MAX813LCSA Dice* 0°C to +70°C MAX813LC/D 8 Plastic DIP -40°C to +85°C MAX813LEPA 8SO -40°C to +85°C MAX813LESA 8 CERDIP** -55°C to +125°C MAX707MJA 8SO -40°C to +85°C MAX707ESA 8 Plastic DIP -40°C to +85°C MAX707EPA Dice* 0°C to +70°C MAX707C/D 8SO 0°C to +70°C MAX707CSA 8 Plastic DIP 0°C to +70°C MAX707CPA 8 CERDIP** -55°C to +125°C MAX706MJA 8SO -40°C to +85°C MAX706ESA 8 Plastic DIP -40°C to +85°C MAX706EPA 8 CERDIP** -55°C to +125°C MAX705MJA 8SO -40°C to +85°C MAX705ESA 8 Plastic DIP -40°C to +85°C MAX705EPA PIN-PACKAGE TEMP RANGE PART Dice* 0°C to +70°C MAX706C/D 8SO 0°C to +70°C MAX706CSA 8 Plastic DIP 0°C to +70°C MAX706CPA 8 µMAX 0°C to +70°C MAX706CUA 8 µMAX 0°C to +70°C MAX707CUA 8 µMAX 0°C to +70°C MAX708CUA 8 µMAX 0°C to +70°C MAX813LCUA _____Pin Configurations (continued) TOP VIEW 1 2 3 4 8 7 6 5 WDO RESET WDI PFO PFI PFI VCC MR µMAX MAX705 MAX706 MAX813L 1 2 3 4 8 7 6 5 N.C. GND GND VCC MR µMAX MAX707 MAX708 ( ) ARE FOR MAX813L ONLY. (RESET) RESET PFO RESET ____________________Chip Topography ( ) ARE FOR MAX813L ONLY. TRANSISTOR COUNT: 572 SUBSTRATE MUST BE LEFT UNCONNECTED. RESET (RESET) GND WDO/RESET PFI 0.051" (1.30mm) 0.074" (1.88mm) WDI/N.C. PFO VCC MR 8 µMAX -40°C to +85°C MAX705EUA 8 µMAX -40°C to +85°C MAX706EUA 8 µMAX -40°C to +85°C MAX707EUA 8 µMAX -40°C to +85°C MAX708EUA 8 µMAX -40°C to +85°C MAX813LEUA * Dice are specified at TA = +25°C. ** Contact factory for availability and processing to MIL-STD-883. Devices in PDIP, SO and µMAX packages are available in both leaded and lead-free packaging. Specify lead free by adding the + symbol at the end of the part number when ordering. Lead free not available for CERDIP package. |