Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X9C503PIZ Datasheet(PDF) 2 Page - Intersil Corporation

No. de pieza X9C503PIZ
Descripción Electrónicos  Wiper Position Stored in Non-volatile Memory and Recalled on Power-up
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  INTERSIL [Intersil Corporation]
Página de inicio  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C503PIZ Datasheet(HTML) 2 Page - Intersil Corporation

  X9C503PIZ Datasheet HTML 1Page - Intersil Corporation X9C503PIZ Datasheet HTML 2Page - Intersil Corporation X9C503PIZ Datasheet HTML 3Page - Intersil Corporation X9C503PIZ Datasheet HTML 4Page - Intersil Corporation X9C503PIZ Datasheet HTML 5Page - Intersil Corporation X9C503PIZ Datasheet HTML 6Page - Intersil Corporation X9C503PIZ Datasheet HTML 7Page - Intersil Corporation X9C503PIZ Datasheet HTML 8Page - Intersil Corporation X9C503PIZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN8222.3
July 20, 2009
Ordering Information
PART
NUMBER
PART
MARKING
RTOTAL
(k
Ω)
TEMP RANGE
(°C)
PACKAGE
PACKAGE
DWG. #
X9C102P
X9C102P
1
0 to +70
8 Ld PDIP
MDP0031
X9C102PZ (Notes 1, 2)
X9C102P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C102PI
X9C102P I
-40 to +85
8 Ld PDIP
MDP0031
X9C102PIZ (Notes 1, 2)
X9C102P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C102S*, **
X9C102S
0 to +70
8 Ld SOIC
MDP0027
X9C102SZ* (Note 1)
X9C102S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C102SI*, **
X9C102S I
-40 to +85
8 Ld SOIC
MDP0027
X9C102SIZ*, ** (Note 1)
X9C102S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C103P
X9C103P
10
0 to +70
8 Ld PDIP
MDP0031
X9C103PZ (Notes 1, 2)
X9C103P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C103PI
X9C103P I
-40 to +85
8 Ld PDIP
MDP0031
X9C103PIZ (Note 1)
X9C103P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C103S*, **
X9C103S
0 to +70
8 Ld SOIC
MDP0027
X9C103SZ*, ** (Note 1)
X9C103S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C103SI*, **
X9C103S I
-40 to +85
8 Ld SOIC
MDP0027
X9C103SIZ*, ** (Note 1)
X9C103S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C503P
X9C503P
50
0 to +70
8 Ld PDIP
MDP0031
X9C503PZ (Notes 1, 2)
X9C503P Z
0 to +70
8 Ld PDIP (Pb-free)
MDP0031
X9C503PI
X9C503P I
-40 to +85
8 Ld PDIP
MDP0031
X9C503PIZ (Notes 1, 2)
X9C503P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C503S*
X9C503S
0 to +70
8 Ld SOIC
MDP0027
X9C503SZ* (Note 1)
X9C503S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C503SI*, **
X9C503S I
-40 to +85
8 Ld SOIC
MDP0027
X9C503SIZ*, ** (Note 1)
X9C503S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
X9C104P
X9C104P
100
0 to +70
8 Ld PDIP
MDP0031
X9C104PI
X9C104P I
-40 to +85
8 Ld PDIP
MDP0031
X9C104PIZ (Notes 1, 2)
X9C104P ZI
-40 to +85
8 Ld PDIP (Pb-free)
MDP0031
X9C104S*, **
X9C104S
0 to +70
8 Ld SOIC
MDP0027
X9C104SZ*, ** (Note 1)
X9C104S Z
0 to +70
8 Ld SOIC (Pb-free)
MDP0027
X9C104SI*, **
X9C104S I
-40 to +85
8 Ld SOIC
MDP0027
X9C104SIZ*, ** (Note 1)
X9C104S ZI
-40 to +85
8 Ld SOIC (Pb-free)
MDP0027
*Add “T1” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
**Add “T2” suffix for tape and reel. Please refer to TB347 for details on reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100%
matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering
operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free
requirements of IPC/JEDEC J STD-020.
2. Pb-free PDIPs can be used for through-hole wave solder processing only. They are not intended for use in Reflow solder processing applications.
X9C102, X9C103, X9C104, X9C503



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com