Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPC8280EC Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

No. de pieza MPC8280EC
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8280EC Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

Back Button MPC8280EC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC8280EC Datasheet HTML 54Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 83 page
background image
MPC8280 PowerQUICC II Family Hardware Specifications, Rev. 2
50
Freescale Semiconductor
Pinout
D51
C12
D52
B10
D53
A7
D54
C6
D55
D5
D56
B18
D57
B16
D58
E14
D59
D12
D60
C10
D61
E8
D62
D6
D63
C2
DP0/RSRV/EXT_BR2
B22
IRQ1/DP1/EXT_BG2
A22
IRQ2/DP2/TLBISYNC/EXT_DBG2
E21
IRQ3/DP3/CKSTP_OUT/EXT_BR3
D21
IRQ4/DP4/CORE_SRESET/EXT_BG3
C21
IRQ5/CINT/DP5/TBEN/EXT_DBG3
B21
IRQ6/DP6/CSE0
A21
IRQ7/DP7/CSE1
E20
PSDVAL
V3
TA
C22
TEA
V5
GBL/IRQ1
W1
CI/BADDR29/IRQ2
U2
WT/BADDR30/IRQ3
U3
L2_HIT/IRQ4
Y4
CPU_BG/BADDR31/IRQ5/CINT
U4
CPU_DBG
R2
CPU_BR
Y3
CS0
F25
CS1
C29
Table 23. MPC8280 and MPC8270 (ZU and VV Packages) Pinout List (continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83