Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSX562AIYST Datasheet(PDF) 24 Page - STMicroelectronics

No. de pieza TSX562AIYST
Descripción Electrónicos  Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX562AIYST Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TSX562AIYST Datasheet HTML 19Page - STMicroelectronics TSX562AIYST Datasheet HTML 20Page - STMicroelectronics TSX562AIYST Datasheet HTML 21Page - STMicroelectronics TSX562AIYST Datasheet HTML 22Page - STMicroelectronics TSX562AIYST Datasheet HTML 23Page - STMicroelectronics TSX562AIYST Datasheet HTML 24Page - STMicroelectronics TSX562AIYST Datasheet HTML 25Page - STMicroelectronics TSX562AIYST Datasheet HTML 26Page - STMicroelectronics TSX562AIYST Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
Package information
TSX56x, TSX56xA
24/27
DocID023274 Rev 3
5.5
TSSOP14 package information
Figure 27. TSSOP14 package mechanical drawing
Table 11. TSSOP14 package mechanical data
Symbol
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.20
0.047
A1
0.05
0.15
0.002
0.004
0.006
A2
0.80
1.00
1.05
0.031
0.039
0.041
b
0.19
0.30
0.007
0.012
c
0.09
0.20
0.004
0.0089
D
4.90
5.00
5.10
0.193
0.197
0.201
E
6.20
6.40
6.60
0.244
0.252
0.260
E1
4.30
4.40
4.50
0.169
0.173
0.176
e
0.65
0.0256 BSC
L
0.45
0.60
0.75
L1
1.00
k
0°
8°
0°
8°
aaa
0.10
0.018
0.024
0.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27