Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F050G6 Datasheet(PDF) 34 Page - STMicroelectronics

No. de pieza STM32F050G6
Descripción Electrónicos  Low- and medium-density advanced ARM-based 32-bit MCU with up to 32 Kbytes Flash, timers, ADC and comm. interfaces
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F050G6 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button STM32F050G6 Datasheet HTML 30Page - STMicroelectronics STM32F050G6 Datasheet HTML 31Page - STMicroelectronics STM32F050G6 Datasheet HTML 32Page - STMicroelectronics STM32F050G6 Datasheet HTML 33Page - STMicroelectronics STM32F050G6 Datasheet HTML 34Page - STMicroelectronics STM32F050G6 Datasheet HTML 35Page - STMicroelectronics STM32F050G6 Datasheet HTML 36Page - STMicroelectronics STM32F050G6 Datasheet HTML 37Page - STMicroelectronics STM32F050G6 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 97 page
background image
Memory mapping
STM32F050xx
34/97
Doc ID 023683 Rev 1
APB
0x4000 7C00 - 0x4000 7FFF
1KB
Reserved
0x4000 7800 - 0x4000 7BFF
1KB
Reserved
0x4000 7400 - 0x4000 77FF
1KB
Reserved
0x4000 7000 - 0x4000 73FF
1KB
PWR
0x4000 5C00 - 0x4000 6FFF
5KB
Reserved
0x4000 5800 - 0x4000 5BFF
1KB
Reserved
0x4000 5400 - 0x4000 57FF
1KB
I2C1
0x4000 4800 - 0x4000 53FF
3 KB
Reserved
0x4000 4400 - 0x4000 47FF
1KB
Reserved
0x4000 3C00 - 0x4000 43FF
2KB
Reserved
0x4000 3800 - 0x4000 3BFF
1KB
Reserved
0x4000 3400 - 0x4000 37FF
1KB
Reserved
0x4000 3000 - 0x4000 33FF
1KB
IWDG
0x4000 2C00 - 0x4000 2FFF
1KB
WWDG
0x4000 2800 - 0x4000 2BFF
1KB
RTC
0x4000 2400 - 0x4000 27FF
1KB
Reserved
0x4000 2000 - 0x4000 23FF
1KB
TIM14
0x4000 1400 - 0x4000 1FFF
3KB
Reserved
0x4000 1000 - 0x4000 13FF
1KB
Reserved
0x4000 0800 - 0x4000 0FFF
2KB
Reserved
0x4000 0400 - 0x4000 07FF
1KB
TIM3
0x4000 0000 - 0x4000 03FF
1KB
TIM2
Table 11.
STM32F050x peripheral register boundary addresses (continued)
Bus
Boundary address
Size
Peripheral



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97