Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS7A8001 Datasheet(PDF) 7 Page - Texas Instruments

No. de pieza TPS7A8001
Descripción Electrónicos  Low-Noise, Wide-Bandwidth, High PSRR, Low-Dropout 1A Linear Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

TPS7A8001 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS7A8001_13 Datasheet HTML 3Page - Texas Instruments TPS7A8001_13 Datasheet HTML 4Page - Texas Instruments TPS7A8001_13 Datasheet HTML 5Page - Texas Instruments TPS7A8001_13 Datasheet HTML 6Page - Texas Instruments TPS7A8001_13 Datasheet HTML 7Page - Texas Instruments TPS7A8001_13 Datasheet HTML 8Page - Texas Instruments TPS7A8001_13 Datasheet HTML 9Page - Texas Instruments TPS7A8001_13 Datasheet HTML 10Page - Texas Instruments TPS7A8001_13 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
0.824
0.816
0.818
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
V
=0.8V
OUT
OUT
I
=750mA
0.824
0.816
0.808
0.8
0.792
0.784
0.776
2.2
3
3.4
2.6
5.4
4.2
4.6
5
6.2
3.8
V
(V)
IN
6.6
5.8
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
V
=0.8V
OUT
OUT
I
=5mA
NOTE:Yaxisshows1%V
perdivision
OUT
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
100
200
300
400
500
700
600
800
900
I
(mA)
OUT
1000
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
3.399
3.366
3.333
3.3
3.267
3.234
3.201
0
5
10
15
20
I
(mA)
OUT
25
+125 C
°
+85 C
°
+25 C
°
0 C
°
-
°
40 C
NOTE:Yaxisshows1%V
perdivision
OUT
TPS7A80xx
www.ti.com
SBVS135H – JUNE 2010 – REVISED JANUARY 2013
TYPICAL CHARACTERISTICS: TPS7A8001
At VOUT(TYP) = 3.3V, VIN = VOUT(TYP) + 0.5V or 2.2V (whichever is greater), IOUT = 100mA, VEN = VIN, CIN = 1μF, COUT = 4.7μF, and CNR =
0.01
μF, all temperature values refer to TJ, unless otherwise noted.
LOAD REGULATION
LOAD REGULATION UNDER LIGHT LOADS
Figure 3.
Figure 4.
LINE REGULATION
LINE REGULATION UNDER LIGHT LOADS
Figure 5.
Figure 6.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com