| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VIPER06HS Datasheet(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VIPER06HS Datasheet(HTML) 15 Page - STMicroelectronics |
|
15 / 28 page ![]() VIPER06 Power section Doc ID 022794 Rev 1 15/28 7 Power section The power section is implemented with an N-channel power MOSFET with a breakdown voltage of 800 V min. and a typical RDS(on) of 32 Ω. It includes a SenseFET structure to allow virtually lossless current sensing and the thermal sensor. The gate driver of the power MOSFET is designed to supply a controlled gate current during both turn-ON and turn-OFF in order to minimize common-mode EMI. During UVLO conditions, an internal pull-down circuit holds the gate low in order to ensure that the power MOSFET cannot be turned ON accidentally. 8 High voltage current generator The high-voltage current generator is supplied by the DRAIN pin. At the first startup of the converter it is enabled when the voltage across the input bulk capacitor reaches the VDRAIN_START threshold, sourcing a IDDch1 current (see Table 6 on page 7). As the VDD voltage reaches the VDDon threshold, the power section starts switching and the high- voltage current generator is turned OFF. The VIPER06 is powered by the energy stored in the VDD capacitor. In a steady-state condition, if the self-biasing function is used, the high-voltage current generator is activated between VDDCSon and VDDon (see Table 6 on page 7), delivering IDDch2, see Table 6 on page 7 to the VDD capacitor during the MOSFET off-time (see Figure 21). The device can also be supplied through the auxiliary winding in which case the high- voltage current source is disabled during steady-state operation, provided that VDD is above VDDCSon. At converter power-down, the VDD voltage drops and the converter activity stops as it falls below the VDDoff threshold (see Table 6 on page 7). Figure 21. Power-on and power-off I DD V DD V DRAIN V DDon t tt t V IN V DRAIN_START t t Power-on Power-off Normal operation regulation is lost here V IN < VDRAIN_START HV startup is no more activated With internal self-supply Without internal self-supply V DDCSon V DDoff I DDch1 I DDch2 |