| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LM335AM Datasheet(PDF) 2 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM335AM Datasheet(HTML) 2 Page - Texas Instruments |
|
2 / 24 page ![]() LM135, LM135A, LM235, LM235A, LM335, LM335A SNIS160D – MAY 1999 – REVISED MARCH 2013 www.ti.com Absolute Maximum Ratings (1) (2) Reverse Current 15 mA Forward Current 10 mA Storage Temperature 8-Pin SOIC Package −65°C to 150°C TO-92 Package −60°C to 150°C TO Package −60°C to 180°C Specified Operating Temp. Range Continuous Intermittent(3) LM135, LM135A −55°C to 150°C 150°C to 200°C LM235, LM235A −40°C to 125°C 125°C to 150°C LM335, LM335A −40°C to 100°C 100°C to 125°C Lead Temp. (Soldering, 10 seconds) 8-Pin SOIC Package: 300°C Vapor Phase (60 seconds): 215°C Infrared (15 seconds): 220°C TO-92 Package: 260°C TO Package: 300°C (1) Refer to RETS135H for military specifications. (2) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. (3) Continuous operation at these temperatures for 10,000 hours for NDV package and 5,000 hours for LP package may decrease life expectancy of the device. Temperature Accuracy (1) LM135/LM235, LM135A/LM235A Parameter Conditions LM135A/LM235A LM135/LM235 Units Min Typ Max Min Typ Max Operating Output Voltage TC = 25°C, IR = 1 mA 2.97 2.98 2.99 2.95 2.98 3.01 V Uncalibrated Temperature Error TC = 25°C, IR = 1 mA 0.5 1 1 3 °C Uncalibrated Temperature Error TMIN ≤ TC ≤ TMAX, IR = 1 mA 1.3 2.7 2 5 °C Temperature Error with 25°C TMIN ≤ TC ≤ TMAX, IR = 1 mA 0.3 1 0.5 1.5 °C Calibration Calibrated Error at Extended TC = TMAX (Intermittent) 2 2 °C Temperatures Non-Linearity IR = 1 mA 0.3 0.5 0.3 1 °C (1) Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered. Temperature Accuracy (1) LM335, LM335A Parameter Conditions LM335A LM335 Units Min Typ Max Min Typ Max Operating Output Voltage TC = 25°C, IR = 1 mA 2.95 2.98 3.01 2.92 2.98 3.04 V Uncalibrated Temperature Error TC = 25°C, IR = 1 mA 1 3 2 6 °C Uncalibrated Temperature Error TMIN ≤ TC ≤ TMAX, IR = 1 mA 2 5 4 9 °C Temperature Error with 25°C TMIN ≤ TC ≤ TMAX, IR = 1 mA 0.5 1 1 2 °C Calibration Calibrated Error at Extended TC = TMAX (Intermittent) 2 2 °C Temperatures Non-Linearity IR = 1 mA 0.3 1.5 0.3 1.5 °C (1) Accuracy measurements are made in a well-stirred oil bath. For other conditions, self heating must be considered. 2 Submit Documentation Feedback Copyright © 1999–2013, Texas Instruments Incorporated Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A |