Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CDCU877AGQL Datasheet(PDF) 15 Page - Texas Instruments

No. de pieza CDCU877AGQL
Descripción Electrónicos  1.8-V PHASE LOCK LOOP CLOCK DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

CDCU877AGQL Datasheet(HTML) 15 Page - Texas Instruments

Back Button CDCU877AGQL Datasheet HTML 11Page - Texas Instruments CDCU877AGQL Datasheet HTML 12Page - Texas Instruments CDCU877AGQL Datasheet HTML 13Page - Texas Instruments CDCU877AGQL Datasheet HTML 14Page - Texas Instruments CDCU877AGQL Datasheet HTML 15Page - Texas Instruments CDCU877AGQL Datasheet HTML 16Page - Texas Instruments CDCU877AGQL Datasheet HTML 17Page - Texas Instruments CDCU877AGQL Datasheet HTML 18Page - Texas Instruments CDCU877AGQL Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
CDCU877RHAR
VQFN
RHA
40
2500
330.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877RHAT
VQFN
RHA
40
250
180.0
16.4
6.3
6.3
1.1
12.0
16.0
Q2
CDCU877ZQLR
BGA MI
CROSTA
R JUNI
OR
ZQL
52
1000
330.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
CDCU877ZQLT
BGA MI
CROSTA
R JUNI
OR
ZQL
52
250
330.0
16.4
4.8
7.3
1.5
8.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
CDCU877AGQLT
BGA MICROSTAR
JUNIOR
GQL
52
250
336.6
336.6
28.6
CDCU877ARHAR
VQFN
RHA
40
2500
367.0
367.0
38.0
CDCU877ARHAT
VQFN
RHA
40
250
210.0
185.0
35.0
CDCU877AZQLR
BGA MICROSTAR
JUNIOR
ZQL
52
1000
336.6
336.6
28.6
CDCU877AZQLT
BGA MICROSTAR
JUNIOR
ZQL
52
250
336.6
336.6
28.6
CDCU877GQLR
BGA MICROSTAR
JUNIOR
GQL
52
1000
336.6
336.6
28.6
PACKAGE MATERIALS INFORMATION
www.ti.com
14-Jul-2012
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23