| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN8710AI Datasheet(PDF) 32 Page - SMSC Corporation |
|
|
|||||||||||||||||||||||||||||
LAN8710AI Datasheet(HTML) 32 Page - SMSC Corporation |
|
32 / 82 page ![]() Small Footprint MII/RMII 10/100 Ethernet Transceiver with HP Auto-MDIX and flexPWR® Technology Datasheet Revision 1.4 (08-23-12) 32 SMSC LAN8710A/LAN8710Ai DATASHEET Note 3.1 In RMII mode, this pin needs to tied to VSS. Note 3.2 The RXER signal is optional on the RMII bus. This signal is required by the transceiver, but it is optional for the MAC. The MAC can choose to ignore or not use this signal. Table 3.2 MII/RMII Signal Mapping PIN NAME MII MODE RMII MODE TXD0 TXD0 TXD0 TXD1 TXD1 TXD1 TXEN TXEN TXEN RXER/ RXD4/PHYAD0 RXER RXER Note 3.2 COL/CRS_DV/MODE2 COL CRS_DV RXD0/MODE0 RXD0 RXD0 RXD1/MODE1 RXD1 RXD1 TXD2 TXD2 Note 3.1 TXD3 TXD3 Note 3.1 nINT/TXER/TXD4 TXER/ TXD4 CRS CRS RXDV RXDV RXD2/RMIISEL RXD2 RXD3/PHYAD2 RXD3 TXCLK TXCLK RXCLK/PHYAD1 RXCLK XTAL1/CLKIN XTAL1/CLKIN REF_CLK |