Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

dsPIC33FJ64GS406 Datasheet(PDF) 109 Page - Microchip Technology

No. de pieza dsPIC33FJ64GS406
Descripción Electrónicos  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 109 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 105Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 106Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 107Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 108Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 109Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 110Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 111Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 112Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 113Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 456 page
background image
 2009-2012 Microchip Technology Inc.
DS70591E-page 109
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
5.0
FLASH PROGRAM MEMORY
The
dsPIC33FJ32GS406/606/608/610
and
dsPIC33FJ64GS406/606/608/610 devices contain
internal Flash program memory for storing and execut-
ing application code. The memory is readable, writable
and erasable during normal operation over the entire
VDD range.
Flash memory can be programmed in two ways:
• In-Circuit Serial Programming™ (ICSP™)
• Run-Time Self-Programming (RTSP)
ICSP allows a dsPIC33FJ32GS406/606/608/610 and
dsPIC33FJ64GS406/606/608/610 device to be serially
programmed while in the end application circuit. This is
done with two lines for programming clock and
programming data (one of the alternate programming
pin pairs: PGEC1/PGED1, PGEC2/PGED2 or PGEC3/
PGED3), and three other lines for power (VDD), ground
(VSS) and Master Clear (MCLR). This allows customers
to manufacture boards with unprogrammed devices
and then program the Digital Signal Controller (DSC)
just before shipping the product. This also allows the
most recent firmware or a custom firmware to be
programmed.
RTSP is accomplished using TBLRD (Table Read) and
TBLWT (Table Write) instructions. With RTSP, the user
application can write program memory data, either in
blocks or ‘rows’ of 64 instructions (192 bytes) at a time,
or a single program memory word, and erase program
memory in blocks or ‘pages’ of 512 instructions
(1536 bytes) at a time.
5.1
Table Instructions and Flash
Programming
Regardless of the method used, all programming of
Flash memory is done with the Table Read and Table
Write instructions. These allow direct read and write
access to the program memory space from the data
memory while the device is in normal operating mode.
The 24-bit target address in the program memory is
formed using bits<7:0> of the TBLPAG register and the
Effective Address (EA) from a W register specified in
the table instruction, as shown in Figure 5-1.
The TBLRDL and the TBLWTL instructions are used to
read or write to bits<15:0> of program memory.
TBLRDL and TBLWTL can access program memory in
both Word and Byte modes.
The TBLRDH and TBLWTH instructions are used to read
or write to bits<23:16> of program memory. TBLRDH
and TBLWTH can also access program memory in Word
or Byte mode.
FIGURE 5-1:
ADDRESSING FOR TABLE REGISTERS
Note 1: This
data
sheet
summarizes
the
features of the dsPIC33FJ32GS406/
606/608/610 and dsPIC33FJ64GS406/
606/608/610 families of devices. It is
not intended to be a comprehensive
reference source. To complement the
information in this data sheet, refer to
Section
5.
“Flash
Programming”
(DS70191) in the “dsPIC33F/PIC24H
Family Reference Manual”, which is
available from the Microchip web site
(www.microchip.com).
2: Some registers and associated bits
described in this section may not be
available on all devices. Refer to
Section 4.0 “Memory Organization” in
this data sheet for device-specific register
and bit information.
0
Program Counter
24 Bits
Program Counter
TBLPAG Reg
8 Bits
Working Reg EA
16 Bits
Byte
24-Bit EA
0
1/0
Select
Using
Table Instruction
Using
User/Configuration
Space Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com