| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
dsPIC33FJ64GS406 Datasheet(PDF) 95 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
dsPIC33FJ64GS406 Datasheet(HTML) 95 Page - Microchip Technology |
|
95 / 456 page ![]() TABLE 4-55: PORTG REGISTER MAP FOR dsPIC33FJ32GS608 AND dsPIC33FJ64GS608 DEVICES TABLE 4-56: PORTG REGISTER MAP FOR dsPIC33FJ32GS406/606 AND dsPIC33FJ64GS406/606 DEVICES TABLE 4-57: SYSTEM CONTROL REGISTER MAP File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISG 02F0 — — — — — — TRISG9 TRISG8 TRISG7 TRISG6 — — TRISG3 TRISG2 TRISG1 TRISG0 03CF PORTG 02F2 — — — — — — RG9 RG8 RG7 RG6 — — RG3 RG2 RG1 RG0 xxxx LATG 02F4 — — — — — — LATG9 LATG8 LATG7 LATG6 — — LATG3 LATG2 LATG1 LATG0 0000 ODCG 02F6 — — — — — — ODCG9 ODCG8 ODCG7 ODCG6 — — ODCG3 ODCG2 ODCG1 ODCG0 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets TRISG 02F0 — — — — — — TRISG9 TRISG8 TRISG7 TRISG6 — — TRISG3 TRISG2 — — 03CC PORTG 02F2 — — — — — — RG9 RG8 RG7 RG6 — —RG3 RG2 — — xxxx LATG 02F4 — — — — — — LATG9 LATG8 LATG7 LATG6 — —LATG3 LATG2 — — 0000 ODCG 02F6 — — — — — — ODCG9 ODCG8 ODCG7 ODCG6 — — ODCG3 ODCG2 — — 0000 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. File Name SFR Addr. Bit 15 Bit 14 Bit 13 Bit 12 Bit 11 Bit 10 Bit 9 Bit 8 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 All Resets RCON 0740 TRAPR IOPUWR — — — — — VREGS EXTR SWR SWDTEN WDTO SLEEP IDLE BOR POR xxxx(1) OSCCON 0742 — COSC<2:0> — NOSC<2:0> CLKLOCK —LOCK —CF — —OSWEN 0300(2) CLKDIV 0744 ROI DOZE<2:0> DOZEN FRCDIV<2:0> PLLPOST<1:0> — PLLPRE<4:0> 0040 PLLFBD 0746 — — — — — — — PLLDIV<8:0> 0030 OSCTUN 0748 — — — — — — — — — — TUN<5:0> 0000 REFOCON 074E ROON — ROSSLP ROSEL RODIV<3:0> — — — — — — — — 0000 ACLKCON 0750 ENAPLL APLLCK SELACLK — — APSTSCLR<2:0> ASRCSEL FRCSEL — — — — — — 2300 Legend: x = unknown value on Reset, — = unimplemented, read as ‘0’. Reset values are shown in hexadecimal. Note 1: The RCON register Reset values are dependent on the type of Reset. 2: The OSCCON register Reset values are dependent on the FOSCx Configuration bits and on the type of Reset. |