Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

dsPIC33FJ64GS406 Datasheet(PDF) 390 Page - Microchip Technology

No. de pieza dsPIC33FJ64GS406
Descripción Electrónicos  16-Bit Digital Signal Controllers with High-Speed PWM, ADC and Comparators
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

dsPIC33FJ64GS406 Datasheet(HTML) 390 Page - Microchip Technology

Back Button dsPIC33FJ64GS406 Datasheet HTML 386Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 387Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 388Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 389Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 390Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 391Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 392Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 393Page - Microchip Technology dsPIC33FJ64GS406 Datasheet HTML 394Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 456 page
background image
dsPIC33FJ32GS406/606/608/610 and dsPIC33FJ64GS406/606/608/610
DS70591E-page 390
 2009-2012 Microchip Technology Inc.
TABLE 27-30: SPIx MAXIMUM DATA/CLOCK RATE SUMMARY
FIGURE 27-11:
SPIx MASTER MODE (HALF-DUPLEX, TRANSMIT ONLY, CKE = 0) TIMING
CHARACTERISTICS
FIGURE 27-12:
SPIx MASTER MODE (HALF-DUPLEX, TRANSMIT ONLY, CKE = 1) TIMING
CHARACTERISTICS
AC CHARACTERISTICS
Standard Operating Conditions: 3.0V to 3.6V
(unless otherwise stated)
Operating temperature
-40°C
 TA  +85°C for Industrial
-40°C
 TA  +125°C for Extended
Maximum
Data Rate
Master
Transmit Only
(Half-Duplex)
Master
Transmit/Receive
(Full-Duplex)
Slave
Transmit/Receive
(Full-Duplex)
CKE
CKP
SMP
15 MHz
Table 27-31
——
0,10,10,1
10 MHz
—
Table 27-32
—
10,11
10 MHz
—
Table 27-33
—
00,11
15 MHz
—
—
Table 27-34
100
11 MHz
—
—
Table 27-35
110
15 MHz
—
—
Table 27-36
010
11 MHz
—
—
Table 27-37
000
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SP10
SP21
SP20
SP35
SP20
SP21
MSb
LSb
Bit 14 - - - - - -1
SP30, SP31
SP30, SP31
Note: Refer to Figure 27-1 for load conditions.
SCKx
(CKP = 0)
SCKx
(CKP = 1)
SDOx
SP10
SP21
SP20
SP35
SP20
SP21
MSb
LSb
Bit 14 - - - - - -1
SP30, SP31
Note: Refer to Figure 27-1 for load conditions.
SP36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com