Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCP4541 Datasheet(PDF) 73 Page - Microchip Technology

No. de pieza MCP4541
Descripción Electrónicos  7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541 Datasheet(HTML) 73 Page - Microchip Technology

Back Button MCP4541 Datasheet HTML 69Page - Microchip Technology MCP4541 Datasheet HTML 70Page - Microchip Technology MCP4541 Datasheet HTML 71Page - Microchip Technology MCP4541 Datasheet HTML 72Page - Microchip Technology MCP4541 Datasheet HTML 73Page - Microchip Technology MCP4541 Datasheet HTML 74Page - Microchip Technology MCP4541 Datasheet HTML 75Page - Microchip Technology MCP4541 Datasheet HTML 76Page - Microchip Technology MCP4541 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
 2008-2013 Microchip Technology Inc.
DS22107B-page 73
MCP454X/456X/464X/466X
9.0
DEVICE OPTIONS
Additional, custom devices are available. These
devices have weak pull-up resistors on the SDA and
SCL pins. This is useful for applications where the
wiper value is programmed during manufacture and not
modified by the system during normal operation.
Please contact your local sales office for current infor-
mation and minimum volume requirements.
9.1
Custom Options
The custom device will have a “P” (for Pull-up) after the
resistance version in the Product Identification System.
These devices will not be available through Microchip’s
online Microchip
Direct
nor
Microchip’s
Sample
systems.
Example part number:
MCP4641-103PE/ST