Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SE8 Datasheet(PDF) 7 Page - Microchip Technology

No. de pieza SE8
Descripción Electrónicos  64-Pin Flash-Based, 8-Bit CMOS Microcontrollers with LCD Driver and nanoWatt XLP Technology
PDF  478 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SE8 Datasheet(HTML) 7 Page - Microchip Technology

Back Button SE8 Datasheet HTML 3Page - Microchip Technology SE8 Datasheet HTML 4Page - Microchip Technology SE8 Datasheet HTML 5Page - Microchip Technology SE8 Datasheet HTML 6Page - Microchip Technology SE8 Datasheet HTML 7Page - Microchip Technology SE8 Datasheet HTML 8Page - Microchip Technology SE8 Datasheet HTML 9Page - Microchip Technology SE8 Datasheet HTML 10Page - Microchip Technology SE8 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 478 page
background image
 2010-2012 Microchip Technology Inc.
DS41414D-page 7
PIC16(L)F1946/47
RD7
49
——
———
SS2
SEG7
RE0
2
Y
P2D(1)
VLCD1
RE1
1
Y
————
P2C(1)
VLCD2
———
RE2
64
Y
P2B(1)
VLCD3
RE3
63
————
P3C(1)
COM0
———
RE4
62
P3B(1)
COM1
RE5
61
————
P1C(1)
COM2
———
RE6
60
P1B(1)
COM3
RE7
59
————
CCP2(2)/
P2A(2)
SEG31
RF0
18
Y
AN16
CPS16
C1IN0-
C2IN0-
SEG41
VCAP(4)
RF1
17
Y
AN6
CPS6
C2OUT
SRNQ
SEG19
RF2
16
Y
AN7
CPS7
C1OUT
SRQ
SEG20
RF3
15
Y
AN8
CPS8
C1IN2-
C2IN2-
C3IN2-
——
SEG21
———
RF4
14
Y
AN9
CPS9
C2IN+
SEG22
RF5
13
Y
AN10 DACOUT
CPS10
C1IN1-
C2IN1-
SEG23
RF6
12
Y
AN11
CPS11
C1IN+
SEG24
RF7
11
Y
AN5
CPS5
C1IN3-
C2IN3-
C3IN3-
———
SS1
SEG25
RG0
3
CCP3
P3A
SEG42
RG1
4
Y
AN15
CPS15
C3OUT
TX2/
CK2
SEG43
RG2
5
Y
AN14
CPS14
C3IN+
RX2/
DT2
SEG44
RG3
6
Y
AN13
CPS13
C3IN0-
CCP4
P3D
——
SEG45
———
RG4
8
Y
AN12
CPS12
C3IN1-
CCP5
P1D
SEG26
RG5
7
——
———
Y(3)
MCLR/
VPP
VDD
10
26
38
57
VDD
VSS
9
25
41
56
————
———
VSS
AVDD 19
AVDD
AVSS
20
————
———
AVSS
TABLE 1:
64-PIN SUMMARY(PIC16(L)F1946/47) (Continued)
Note 1:
Pin functions can be moved using the APFCON register(s). Default location.
2:
Pin function can be moved using the APFCON register. Alternate location.
3:
Weak pull-up always enabled when MCLR is enabled, otherwise the pull-up is under user control.
4:
See Section 8.0 “Low Dropout (LDO) Voltage Regulator”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More