Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F102RBT6 Datasheet(PDF) 61 Page - STMicroelectronics

No. de pieza STM32F102RBT6
Descripción Electrónicos  Medium-density USB access line,ARM-based 32b MCU with 64/128KB Flash,USB FS interface,6 timers, ADC&8 com. interfaces
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F102RBT6 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F102RBT6 Datasheet HTML 57Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 58Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 59Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 60Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 61Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 62Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 63Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 64Page - STMicroelectronics STM32F102RBT6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
STM32F102x8, STM32F102xB
Electrical characteristics
Doc ID 15056 Rev 4
61/76
Figure 29.
SPI timing diagram - master mode(1)
1.
Measurement points are done at CMOS levels: 0.3VDD and 0.7VDD.
USB characteristics
The USB interface is USB-IF certified (Full Speed).
Table 42.
USB startup time
Symbol
Parameter
Max
Unit
tSTARTUP
USB transceiver startup time
1
µs
ai14136V2
CPHA= 0
MOSI
OUTUT
MISO
INP UT
CPHA= 0
MS BIN
M SB OUT
BI T6 IN
LSB OUT
LSB IN
CPOL=0
CPOL=1
B I T1 OUT
NSS input
tc(SCK)
tw(SCKH)
tw(SCKL)
tr(SCK)
tf(SCK)
th(MI)
High
CPHA=1
CPHA=1
CPOL=0
CPOL=1
tsu(MI)
tv(MO)
th(MO)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76