| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
STM32F303VC Datasheet(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F303VC Datasheet(HTML) 40 Page - STMicroelectronics |
|
40 / 133 page ![]() Pinouts and pin description STM32F302xx/STM32F303xx 40/133 Doc ID 023353 Rev 5 74 47 35 VSS_3 S Ground 75 48 36 VDD_3 S Digital power supply 76 49 37 PA14 I/O FTf I2C1_SDA, USART2_TX, TIM8_CH2(3), TIM1_BKIN, TSC_G4_IO4, SWCLK-JTCK 77 50 38 PA15 I/O FTf I2C1_SCL, SPI1_NSS, SPI3_NSS, I2S3_WS(3), JTDI, USART2_RX, TIM1_BKIN, TIM2_CH1_ETR, TIM8_CH1(3) 78 51 PC10 I/O FT (1) SPI3_SCK, I2S3_CK(3), USART3_TX, UART4_TX, TIM8_CH1N(3) 79 52 PC11 I/O FT (1) SPI3_MISO, I2S3ext_SD(3), USART3_RX, UART4_RX, TIM8_CH2N(3) 80 53 PC12 I/O FT (1) SPI3_MOSI, I2S3_SD(3), USART3_CK, UART5_TX, TIM8_CH3N(3) 81 PD0 I/O FT (1) CAN_RX 82 PD1 I/O FT (1) CAN_TX, TIM8_CH4(3), TIM8_BKIN2(3) 83 54 PD2 I/O FT (1) UART5_RX, TIM3_ETR, TIM8_BKIN(3) 84 PD3 I/O FT (1) USART2_CTS, TIM2_CH1_ETR 85 PD4 I/O FT (1) USART2_RTS, TIM2_CH2 86 PD5 I/O FT (1) USART2_TX 87 PD6 I/O FT (1) USART2_RX, TIM2_CH4 88 PD7 I/O FT (1) USART2_CK, TIM2_CH3 89 55 39 PB3 I/O FT SPI3_SCK, I2S3_CK(3), SPI1_SCK, USART2_TX, TIM2_CH2, TIM3_ETR, TIM4_ETR, TIM8_CH1N(3), TSC_G5_IO1, JTDO- TRACESWO 90 56 40 PB4 I/O FT SPI3_MISO, I2S3ext_SD(3), SPI1_MISO, USART2_RX, TIM3_CH1, TIM16_CH1, TIM17_BKIN, TIM8_CH2N(3), TSC_G5_IO2, NJTRST Table 11. STM32F302xx/STM32F303xx pin definitions (continued) Pin number Pin name (function after reset) Pin functions Alternate functions Additional functions |