| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MS-101000 Datasheet(PDF) 8 Page - Amphenol Corporation |
|
|
|||||||||||||||||||||||||||||
MS-101000 Datasheet(HTML) 8 Page - Amphenol Corporation |
|
8 / 40 page ![]() Insert Orientations Position W Position Y Position Z Views looking into front face of pin insert or rear of socket insert 18-5 18-9 18-13 18-14 20-7 20-8 20-9 20-12 20-14 16-7 20-16 22-18 24-4 Degree W X Y Z 80 110 250 280 24-21 28-15 36-1 36-7 36-8 36-13 28-16 28-17 28-19 28-20 28-21 32-1 32-3 32-4 24-28 28-1 28-4 28-8 28-9 28-10 28-11 28-14 24-5 24-6 24-7 24-12 24-14 24-16 24-17 24-20 22-19 22-21 22-24 22-25 22-29 22-33 22-34 24-1 24-3 20-20 20-22 22-3 22-6 22-12 22-14 22-15 22-16 22-17 Position X To avoid cross-plugging problems in applications requiring the use of more than one connector of the same size and arrangement, alternate insert rotations are available as indicated in the accompanying chart. As shown in the daigram below, the front face of the pin insert is rotated within the shell in a clockwise direction from the normal shell key. The socket insert would be rotated counterclockwise the same number of degrees with respect to the normal shell key. The following insert arrangements have the same alternate insert rotations for W, X, Y and Z which are as below : Insert Arrang- ement Degrees W 12S-3 14S-9 16S-5 18-8 18-1 18-22 20-3 20-4 14S-2 18-10 18-15 14S-5 16-9 16-11 16-13 18-3 18-4 20-5 16S-4 16S-1 18-12 14S-7 16-10 16S-6 18-20 18-29 16S-8 18-11 70 70 70 70 70 70 70 45 - - - - 35 35 35 35 35 35 35 80 80 90 90 90 90 90 - - 145 145 145 - 145 145 145 110 120 120 120 110 110 110 110 110 110 110 110 - - 180 180 180 180 180 170 170 215 215 215 - 215 215 215 250 240 240 240 - 250 250 250 250 250 250 250 - - 270 270 270 270 270 265 265 290 290 290 290 290 290 290 - - - - - 325 325 325 325 325 325 325 280 280 - - - - - - - X Y Z Insert Arrang- ement Degrees W 28-3 28-6 28-18 28-22 36-3 36-4 24-22 28-5 28-2 28-7 36-6 36-9 36-10 32-8 24-27 28-12 36-14 36-15 36-5 70 70 70 70 70 70 45 35 35 35 35 80 80 80 80 90 90 60 - 145 145 145 145 145 145 110 110 110 110 110 125 125 125 - 180 180 125 120 215 215 215 215 215 215 250 250 250 250 250 235 235 235 - 270 270 245 240 290 290 290 290 290 290 - 325 325 325 325 280 280 280 280 - - 305 - X Y Z Insert Arrang- ement Degrees W 20-6 22-2 22-9 20-15 20-18 20-21 20-23 20-24 20-27 22-10 22-11 22-13 22-20 22-23 22-22 24-11 24-9 22-1 22-4 22-5 22-8 20-29 20-17 20-19 22-27 22-28 24-2 24-10 70 70 70 80 35 35 35 35 35 35 35 35 35 35 - 35 35 35 35 35 35 80 90 90 80 80 80 80 145 145 145 - 110 110 110 110 110 110 110 110 110 - 110 110 110 110 110 110 110 - 180 180 - - - - 215 215 215 - 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 250 - 270 270 250 - - - 290 290 290 280 325 325 325 325 325 325 325 325 325 - - 325 325 325 325 325 325 280 - - 280 280 280 280 X Y Z A B 40-56 72 144 216 288 6 MS And 97B Series AMPHENOL |