| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PL75S-9 Datasheet(PDF) 27 Page - Emerson Network Power |
|
|
|||||||||||||||||||||||||||||
PL75S-9 Datasheet(HTML) 27 Page - Emerson Network Power |
|
27 / 100 page ![]() 25 Bulkhead Jack Rear Mount, Solder Pot Two-pin Polarized 2-lug.................................................... BJ31 Feed-Through Jack Two-pin Polarized 2-lug.................................................... BJ38 Bulkhead Jack Front Mount, Solder Pot, Two-pin Polarized 2-lug................................................... BJ30 “D” mounting holes are on page 54. Note: Only 30 Series have two-pin polarizations. Cable Plug Wrench Crimp, Two-pin Polarized 2-lug............................................ PL30- BJ30 Shown Mounting Hole: D5.130 .437 HEX NUT .437 WRENCH FLATS .593 DIA MAX .931 .096 .046 .468 HEX NUT .375-32UNEF-2A 1.070 .468 .437 HEX NUT .040 DIA CONDUCTORS .794 .500-28UNEF-2A .525 1.308 .783 .625 HEX .687HEX .730 DIA .837 .562 HEX NUT .093 .500-28UNEF-2A .380 DIA BJ31 SHOWN .310 .131 SOLDER POT ACCEPTS .040 DIA CONDUCTORS .500-28UNEF-2A 1.000 .806 .096 .625 HEX NUT .437 HEX NUT .687 HEX NUT PL30 Shown BJ38 Shown Mounting Hole: D3.160 BJ39 Shown Mounting Hole: D3.218 Bulkhead Cable Jack Rear Mount, Wrench Crimp Two-pin Polarized 2-lug............................................. BJ39- Mil-C-3655 Interface Note: These connectors are still available, although we recommend using concentric (70 series) twinax for all new applications. Twinax/Triax Connectors / Standard Threaded 80/380 Series, TRC/TRN Twinax/Triax Connectors / Two-Pin Polarized 30 Series, TWBNC/TWTNC Circuit Board Bulkhead Jack Right Angle-Two-pin Polarized Twinax (TWBNC) CBBJR39A 1.216 1.046 .718 .050 .380 DIA .500-28UNEF-2A .562 HEX NUT .124 .100 .030 TYP .34 .13 TYP .258 TYP .090 TYP .058 TYP .258 TYP .070 DIA TYP .258 .050 .100 .0625 DIA .665 .946 BJ31 Shown Mounting Hole: D3.280 Mounting Hole: D3.125 Refer to Cable Group Tables, pages 74-91. |