Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

STM32F103ZC Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza STM32F103ZC
Descripción Electrónicos  High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103ZC Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STM32F103ZC Datasheet HTML 27Page - STMicroelectronics STM32F103ZC Datasheet HTML 28Page - STMicroelectronics STM32F103ZC Datasheet HTML 29Page - STMicroelectronics STM32F103ZC Datasheet HTML 30Page - STMicroelectronics STM32F103ZC Datasheet HTML 31Page - STMicroelectronics STM32F103ZC Datasheet HTML 32Page - STMicroelectronics STM32F103ZC Datasheet HTML 33Page - STMicroelectronics STM32F103ZC Datasheet HTML 34Page - STMicroelectronics STM32F103ZC Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 130 page
background image
STM32F103xC, STM32F103xD, STM32F103xE
Pinouts and pin descriptions
Doc ID 14611 Rev 8
31/130
K1
H1
-
-
20 31
VREF-
SVREF-
L1
J1
F7
(7)
-21 32
VREF+
SVREF+
M1 K1 G8 13 22 33
VDDA
SVDDA
J2
G2 F6 14 23 34
PA0-WKUP
I/O
PA0
WKUP/USART2_CTS(8)
ADC123_IN0
TIM2_CH1_ETR
TIM5_CH1/TIM8_ETR
K2
H2 E6 15 24 35
PA1
I/O
PA1
USART2_RTS(8)
ADC123_IN1/
TIM5_CH2/TIM2_CH2(8)
L2
J2
H8 16 25 36
PA2
I/O
PA2
USART2_TX(8)/TIM5_CH3
ADC123_IN2/
TIM2_CH3 (8)
M2 K2 G7 17 26 37
PA3
I/O
PA3
USART2_RX(8)/TIM5_CH4
ADC123_IN3/TIM2_CH4(8)
G4
E4 F5 18 27 38
VSS_4
SVSS_4
F4
F4 G6 19 28 39
VDD_4
SVDD_4
J3
G3 H7 20 29 40
PA4
I/O
PA4
SPI1_NSS(8)/
USART2_CK(8)
DAC_OUT1/ADC12_IN4
K3
H3 E5 21 30 41
PA5
I/O
PA5
SPI1_SCK(8)
DAC_OUT2 ADC12_IN5
L3
J3 G5 22 31 42
PA6
I/O
PA6
SPI1_MISO(8)
TIM8_BKIN/ADC12_IN6
TIM3_CH1(8)
TIM1_BKIN
M3 K3 G4 23 32 43
PA7
I/O
PA7
SPI1_MOSI(8)/
TIM8_CH1N/ADC12_IN7
TIM3_CH2(8)
TIM1_CH1N
J4
G4 H6 24 33 44
PC4
I/O
PC4
ADC12_IN14
K4
H4 H5 25 34 45
PC5
I/O
PC5
ADC12_IN15
L4
J4
H4 26 35 46
PB0
I/O
PB0
ADC12_IN8/TIM3_CH3
TIM8_CH2N
TIM1_CH2N
M4 K4 F4 27 36 47
PB1
I/O
PB1
ADC12_IN9/TIM3_CH4(8)
TIM8_CH3N
TIM1_CH3N
J5
G5 H3 28 37 48
PB2
I/O FT PB2/BOOT1
M5
-
-
-
-
49
PF11
I/O FT
PF11
FSMC_NIOS16
L5
-
-
-
-
50
PF12
I/O FT
PF12
FSMC_A6
Table 5.
High-density STM32F103xx pin definitions (continued)
Pins
Pin name
Main
function(3)
(after reset)
Alternate functions(4)
Default
Remap