| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC2001 Datasheet(PDF) 4 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC2001 Datasheet(HTML) 4 Page - Motorola, Inc |
|
4 / 4 page ![]() MPC2001 4 MOTOROLA FAST SRAM PACKAGE DIMENSIONS 136–LEAD DIMM CASE 1104–01 X 0.006 (0.15) T Y L 0.012 (0.30) M COMPONENT AREA VIEW AA FRONT VIEW 136X K 2X Q DIM A MIN MAX MIN MAX MILLIMETERS 4.045 4.055 102.74 103.00 INCHES B 0.995 1.005 25.27 25.53 C ––– 0.413 ––– 10.50 D 0.040 0.042 1.02 1.07 F 0.125 BSC 0.064 ––– 3.18 BSC G ––– 0.010 0.25 H J 0.046 0.054 1.17 1.37 K 0.100 ––– 2.54 ––– L M 1.650 BSC 41.91 BSC N 0.400 BSC 10.16 BSC P 0.125 ––– 3.18 ––– Q 0.123 0.127 3.12 3.22 R 0.245 0.255 6.22 6.48 S NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. CARD THICKNESS APPLIES ACROSS TABS AND INCLUDES PLATING AND/OR METALLIZATION. 4. DIMENSIONS C AND S DEFINE A DOUBLE–SIDED MODULE. 5. DIMENSION V DEFINES OPTIONAL SINGLE–SIDED MODULE. 6. STRAIGHTNESS CALLOUT APPLIES TO TAB AREA ONLY. T ––– 3.784 BSC W 0.050 BSC 1.27 BSC U V Y 0.060 0.064 1.52 1.63 0.075 0.085 1.91 2.16 0.060 1.52 1.63 0.157 ––– 4.00 ––– ––– 0.236 ––– 6.00 1.57 ––– 0.062 96.11 BSC COMPONENT AREA BACK VIEW U F X 0.006 (0.15) T Y S A M 2X N 2X 2X L R Y B -Y- -X- VIEW AA SIDE VIEW -T- 2X W 2X W R M 136X H 136X D M X 0.004 (0.10) T Y S L G 132X C NOTE 4 S NOTE 4 V NOTE 5 P J R T NOTE 6 Motorola reserves the right to make changes without further notice to any products herein. Motorola makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does Motorola assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation consequential or incidental damages. “Typical” parameters can and do vary in different applications. All operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. Motorola does not convey any license under its patent rights nor the rights of others. Motorola products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the Motorola product could create a situation where personal injury or death may occur. Should Buyer purchase or use Motorola products for any such unintended or unauthorized application, Buyer shall indemnify and hold Motorola and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that Motorola was negligent regarding the design or manufacture of the part. Motorola and are registered trademarks of Motorola, Inc. Motorola, Inc. is an Equal Opportunity/Affirmative Action Employer. Literature Distribution Centers: USA/Europe: Motorola Literature Distribution; P.O. Box 20912; Phoenix, Arizona 85036. JAPAN: Nippon Motorola Ltd.; 4–32–1, Nishi–Gotanda, Shinagawa–ku, Tokyo 141, Japan. ASIA PACIFIC: Motorola Semiconductors H.K. Ltd.; Silicon Harbour Center, No. 2 Dai King Street, Tai Po Industrial Estate, Tai Po, N.T., Hong Kong. MPC2001/D *MPC2001/D* ◊ |