| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
74ABT373CSC Datasheet(PDF) 1 Page - Fairchild Semiconductor |
|
|
|||||||||||||||||||||||||||||
74ABT373CSC Datasheet(HTML) 1 Page - Fairchild Semiconductor |
|
1 / 11 page ![]() © 2005 Fairchild Semiconductor Corporation DS011547 www.fairchildsemi.com January 1993 Revised March 2005 74ABT373 Octal Transparent Latch with 3-STATE Outputs General Description The ABT373 consists of eight latches with 3-STATE out- puts for bus organized system applications. The flip-flops appear transparent to the data when Latch Enable (LE) is HIGH. When LE is LOW, the data that meets the setup times is latched. Data appears on the bus when the Output Enable (OE) is LOW. When OE is HIGH the bus output is in the high impedance state. Features s 3-STATE outputs for bus interfacing s Output sink capability of 64 mA, source capability of 32 mA s Guaranteed output skew s Guaranteed multiple output switching specifications s Output switching specified for both 50 pF and 250 pF loads s Guaranteed simultaneous switching, noise level and dynamic threshold performance s Guaranteed latchup protection s High impedance glitch free bus loading during entire power up and power down s Nondestructive hot insertion capability Ordering Code: Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering code. Pb-Free package per JEDEC J-STD-020B. Connection Diagram Pin Descriptions Order Number Package Number Package Description 74ABT373CSC M20B 20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 74ABT373CSJ M20D Pb-Free 20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide 74ABT373CMSA MSA20 20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide 74ABT373CMTC MTC20 20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm Wide 74ABT373CPC N20A 20-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Pin Names Description D0–D7 Data Inputs LE Latch Enable Input (Active HIGH) OE Output Enable Input (Active LOW) O0–O7 3-STATE Latch Outputs |
Número de pieza similar - 74ABT373CSC |
|
Descripción similar - 74ABT373CSC |