Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

IRLML6402TRPBF Datasheet(PDF) 4 Page - International Rectifier

No. de pieza IRLML6402TRPBF
Descripción Electrónicos  Ultra Low On-Resistance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  IRF [International Rectifier]
Página de inicio  http://www.irf.com
Logo IRF - International Rectifier

IRLML6402TRPBF Datasheet(HTML) 4 Page - International Rectifier

  IRLML6402TRPBF Datasheet HTML 1Page - International Rectifier IRLML6402TRPBF Datasheet HTML 2Page - International Rectifier IRLML6402TRPBF Datasheet HTML 3Page - International Rectifier IRLML6402TRPBF Datasheet HTML 4Page - International Rectifier IRLML6402TRPBF Datasheet HTML 5Page - International Rectifier IRLML6402TRPBF Datasheet HTML 6Page - International Rectifier IRLML6402TRPBF Datasheet HTML 7Page - International Rectifier IRLML6402TRPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLML6402
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
C
-V
, Drain-to-Source Voltage (V)
DS
10us
100us
1ms
10ms
1
10
100
VDS, Drain-to-Source Voltage (V)
0
200
400
600
800
1000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds+ Cgd
0
3
6
9
12
0
2
4
6
8
10
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
-3.7A
V
=-10V
DS
0.1
1
10
100
0.2
0.4
0.6
0.8
1.0
1.2
-V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com