| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OR3LP26B Datasheet(PDF) 170 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B Datasheet(HTML) 170 Page - Agere Systems |
|
170 / 184 page ![]() ORCA OR3LP26B FPSC Data Sheet Embedded Master/Target PCI Interface March 2000 170 Lucent Technologies Inc. Lucent Technologies Inc. Pin Information (continued) Table 70. Pinout Information (continued) * These pads are connected to a power plane in the package rather than to a particular pin. The entry's location in the table indicates the posi- tion of the power pad relative to nearby signal pads. † Pins marked No Connect must be left unconnected. ‡ These pins are connected to a power plane in the package rather than to a particular pad. OR3LP26B Pad Function PBGA 352 PBGAM 680 ‡VDD —B31 ‡VDD —B32 ‡VDD —C1 ‡VDD —C2 ‡VDD —C4 ‡VDD —C7 ‡VDD —C11 ‡VDD —C15 ‡VDD —C20 ‡VDD —C24 ‡VDD —C28 ‡VDD —C31 ‡VDD —C33 ‡VDD —C34 ‡VDD —D2 ‡VDD —D3 ‡VDD —— ‡VDD D6 — ‡VDD D11 — ‡VDD D16 — ‡VDD D21 — ‡VDD —— ‡VDD —D32 ‡VDD —D33 ‡VDD —G3 ‡VDD —G32 ‡VDD F4 L3 ‡VDD F23 L32 ‡VDD L4 R3 ‡VDD L23 R32 ‡VDD T4 Y3 ‡VDD T23 Y32 ‡VDD AA4 AD3 ‡VDD AA23 AD32 ‡VDD —AH3 ‡VDD —AH32 ‡VDD —AL2 ‡VDD —AL3 |