| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
OR3LP26B Datasheet(PDF) 99 Page - Agere Systems |
|
|
|||||||||||||||||||||||||||||
OR3LP26B Datasheet(HTML) 99 Page - Agere Systems |
|
99 / 184 page ![]() Lucent Technologies Inc. 99 Data Sheet ORCA OR3LP26B FPSC March 2000 Embedded Master/Target PCI Interface Lucent Technologies Inc. PCI Bus Core Detailed Description Quad Port (continued) 5-8842(F).a Figure 32. Master Read 32-Byte Burst (FPGA Bus, Quad-Port, Specified Burst Length, 32-Bit Address) T0 T1 T2 T3 T4 TN TN+1 TN+2 TN+3 TN+4 TN+5 TN+6 TN+7 TN+8 TN+9 TN+10 X 0 1 4 4 5 4 5 4 5 4 5 0 X CMD X X X BRST ADRS X X X D0 D1 D2 D3 D4 D5 D6 D7 X fclk m_ready ma_fulln mstatecntr mcmd mwdata mrdata maenn mrdataenn mwlastcycn mrlastcycn mr_emptyn mr_aemptyn |