Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATTL7583DF Datasheet(PDF) 10 Page - Agere Systems

No. de pieza ATTL7583DF
Descripción Electrónicos  Line Card Access Switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AGERE [Agere Systems]
Página de inicio  
Logo AGERE - Agere Systems

ATTL7583DF Datasheet(HTML) 10 Page - Agere Systems

Back Button ATTL7583DF Datasheet HTML 6Page - Agere Systems ATTL7583DF Datasheet HTML 7Page - Agere Systems ATTL7583DF Datasheet HTML 8Page - Agere Systems ATTL7583DF Datasheet HTML 9Page - Agere Systems ATTL7583DF Datasheet HTML 10Page - Agere Systems ATTL7583DF Datasheet HTML 11Page - Agere Systems ATTL7583DF Datasheet HTML 12Page - Agere Systems ATTL7583DF Datasheet HTML 13Page - Agere Systems ATTL7583DF Datasheet HTML 14Page - Agere Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
10
Lucent Technologies Inc.
Data Sheet
February 2001
L7583A/B/C/D Line Card Access Switch
Switching Behavior
When switching from the power ringing state to the
idle/talk state, via simple logic level input control, the
L7583 is able to provide control with respect to the tim-
ing when the ringing access contacts are released rela-
tive to the state of the line break contacts.
Make-before-break operation occurs when the line
break switch contacts are closed (or made) before the
ringing access switch contact is opened (or broken).
Break-before-make operation occurs when the ringing
access contact is opened before the line break switch
contacts are closed.
Using the logic level input pins RING, TESTin, and
TESTout, either make-before-break or break-before-
make operation of the L7583 is easily achieved. The
logic sequences for either mode of operation are given
in Table 13 and Table 14. See the Truth Tables (Table
16 and Table 17) for an explanation of logic states.
When using an L758X in the make-before-break mode,
during the ring-to-idle transition, for a period of up to
one-half the ringing frequency, the ring break switch
and the pnpn-type ring access switch can both be in
the ON state. This is the maximum time after the logic
signal at INRING has transitioned that the ring access
switch is waiting for the next zero current cross, so it
can close. During this interval, current that is limited to
the dc break switch current-limit value will be source
from the ring node of the SLIC.
This current is presented to the internal protection cir-
cuit. If the SCR-type protector is used (A or C codes), if
by random probability the ring-to-idle transition occurs
during a portion of the ring cycle when the ringing volt-
age exceeds the protection circuit SCR turn-on volt-
age, and if current in excess of the SCR’s turn-on
current is also available, the SCR may turn on. Once
the SCR is triggered on, if the SLIC is capable of sup-
plying current in excess of the holding current, the SCR
may be latched on by the SLIC.
The probability of this event depends on the character-
istics of the given SLIC and of the holding current of the
L7583 A or C device. The SCR hold current distribution
is designed to be safely away from the test limit of
80 mA. The higher the distribution, the lower the proba-
bility of the latch.
If this situation is of concern for a given board design,
either use the A or C series device in the break-before-
make mode (eliminates the original 25 ms current
pulse) or use a B or D series device (eliminates the
SCR).
Table 13. Make-Before-Break Operation
RING TESTin TESTout
TSD
State
Timing
Break
Switches
3 & 4
Ring
Return
Switch 7
Ring
Access
Switch 8
All Other
Access
Switches
5 V
0 V
0 V
Float
Power
Ringing
—
Open
Closed
Closed
Open
0 V
0 V
0 V
Float
Make-
before-
break
SW8 waiting for next
zero current crossing
to turn off maximum
time—one-half of
ringing. In this transi-
tion state, current
that is limited to the
dc break switch cur-
rent-limit value will be
sourced from the ring
node of the SLIC.
Closed
Open
Closed
Open
0 V
0 V
0 V
Float
Idle/Talk Zero cross current
has occurred.
Closed
Open
Open
Open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com