Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PW132 Datasheet(PDF) 2 Page - SL Power Electronics

No. de pieza PW132
Descripción Electrónicos  PW132 SWITCH-MODE POWER SUPPLY
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SLPOWER [SL Power Electronics]
Página de inicio  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

PW132 Datasheet(HTML) 2 Page - SL Power Electronics

  PW132 Datasheet HTML 1Page - SL Power Electronics PW132 Datasheet HTML 2Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AULT INCORPORATED
7105 Northland Terrace | Minneapolis, Minnesota 55428 | USATEL (1) 763-592-1900
FAX (1) 763-592-1911 | E-MAIL info@aultinc.com | WEB www.aultinc.com
© Copyright 2005 Ault Inc.
Input Configuration
PW132
ITE 101 WATT SERIES
IEC320
w/ground
C14
(F)
Input
Rated Voltage
100-240 VAC -10%, +6%
Line Frequency
47 - 63 Hz
Current
2.2 A max. at 90 VAC input
Protection
Internal primary current fuse,
Inrush limiting
Output
Combined Line and Load
±1% excluding cord
Voltage Regulation
Ripple
1% V p-p max
Transient Response
0.5 msec. for 50% load change typical
Holdup Time
20 msec min. over entire input range
Protection
Overcurrent protection
Short circuit protection
Optional overvoltage crowbar
Cord and Connector
Ault #51 connector standard on 12V
and 15V models; Ault #3 connector
standard on 24V and 48V models. Other
cable options available.
Safety Approvals
Agency Listings
cULus60950, TUV/IEC EN60950
Electrical
Dielectric Withstand
3000 VAC, 4250 VDC primary-secondary
1500 VAC, 2150 VDC primary-ground
500 VDC secondary-ground
Spacing
6.4mm primary-secondary
Efficiency
85%Typical
EMI
Complies with EMC Directives
CE
CE Compliant
MTBF
Min. 100,000 Hours
Environmental
Operating Temperature
0º to 40º C with no derating
Storage Temperature
-30º to +85º C
Relative Humidity
5% to 95% non-condensing
Altitude
0-10,000 feet
Cooling
Convectional - non vented case
Mechanical
Case and Dimensions
9.0L x 2.9W x 2.0H (in)
229L x 74W x 51H (mm)
Case Material
Black 94V0 polycarbonate
Weight
24 ounces, 684 grams (excluding cord)
Connector
Pinout Code
Center contact: positive
Description
Switchcraft 760 plug or equivalent
Suggested Mating
Switchcraft 712A jack or equivalent
Other Connectors are available by special order
Pinout Code
Molded Mini Fit Receptacle
Description
Overmolded by Ault 6 pos, Molex 39-01-
2060 max. wire 18AWG or equivalent
Suggested Mating
Plug Molex 39-01-2060 or 3063
Other Connectors are available by special order



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com