| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ACTF128K8 Datasheet(PDF) 6 Page - Aeroflex Circuit Technology |
|
|
|||||||||||||||||||||||||||||
ACTF128K8 Datasheet(HTML) 6 Page - Aeroflex Circuit Technology |
|
6 / 21 page ![]() Aeroflex Circuit Technology SCD1676 REV A 5/6/98 Plainview NY (516) 694-6700 6 BYTE PROGRAMING The device is programmed on a byte-byte basis. Programming is a four bus cycle operation. There are two "unlock" write cycles. These are followed by the program set-up command and data write cycles. Addresses are latched on the falling edge of CE or WE, whichever occurs later, while the data is latched on the rising edge of CE or WE whichever occurs first. The rising edge of CE or WE (whichever happens first) begins programming using the Embedded Program Algorithm. Upon executing the program algorithm command sequence the system is not required to provide further controls or timings. The device will automatically provide adequate internally generated program pulses and verify the programmed cell. The automatic programming operation is completed when the data on D7 (also used as Data Polling) is equivalent to data written to this bit at which time the device returns to the read mode and addresses are no longer latched. Therefore, the device requires that a valid address be supplied by the system at this particular instance of time for Data Polling operations. Data Polling must be performed at the memory location which is being programmed. Any commands written to the chip during the Embedded Program Algorithm will be ignored. Programming is allowed in any sequence and across sector boundaries. Beware that a data "0" cannot be programmed back to a “1". Attempting to do so may cause the device to exceed programming time limits (D5 = 1) or result in an apparent success, according to the data polling algorithm, but a read from reset/read mode will show that the data is still “0". Only erase operations can convert “0"s to “1"s. Figure 3 illustrates the programming algorithm using typical command strings and bus operations. CHIP ERASE Chip erase is a six bus cycle operation. There are two 'unlock' write cycles. These are followed by writing the “set-up” command. Two more “unlock” write cycles are then followed by the chip erase command. Chip erase does not require the user to program the device prior to erase. Upon executing the Embedded Erase Algorithm command sequence (Figure 4) the device will automatically program and verify the entire memory for an all zero data pattem prior to electrical erase. The erase is performed concurrently on all sectors at the same time . The system is not required to provide any controls or timings during these operations. Note: Post Erase data state is all "1"s. The automatic erase begins on the rising edge of the last WE pulse in the command sequence and terminates when the data on D7 is "1" (see Write Operation Status section - Table 3) at which time the device retums to read mode. See Figures 4 and 9. SECTOR ERASE Sector erase is a six bus cycle operation. There are two "unlock" write cycles. These are followed by writing the "setup" command. Two more "unlock" write cycles are then followed by the sector erase command. The sector address (any address location within the desired sector) is latched on the falling edge of WE, while the command (30H) is latched on the rising edge of WE. After a time-out of 80µs from the rising edge of the last sector erase command, the sector erase operation will begin. Multiple sectors may be erased concurrently by writing the six bus cycle operations as described above. This sequence is followed with writes of the sector erase command to addresses in other sectors desired to be concurrently erased. The time between writes must be less than 80µs otherwise that command will not be accepted and erasure will start. It is recommended that processor interrupts be disabled during this time to guarantee this condition. The interrupts can be re-enabled after the last Sector Erase command is written. A time-out of 80µs from the rising edge of the last WE will initiate the execution of the Sector Erase command(s). If another falling edge of the WE occurs within the 80µs time-out window the timer is reset. (Monitor D3 to determine if the sector erase timer window is still open, see section D3, Sector Erase Timer.) Any commarid other than Sector Erase during this period will reset the device to read mode, ignoring the previous command string. In that case, restart the erase on those sectors and allow them to complete. Table 3 — Commands Definitions Command Sequence Bus Write Cycle Req’d First Bus Write Cycle Second Bus Write Cycle Third Bus Write Cycle Fourth Bus Read/Write Cycle Fifth Bus Write Cycle Sixth Bus Write Cycle Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read/Reset 4 5555H AAH 2AAAH 55H 5555H F0H RA RD Byte Program 6 5555H AAH 2AAAH 55H 5555H A0H PA PD Chip Erase 6 5555H AAH 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H 5555H 10H Sector Erase 6 5555H AAH 2AAAH 55H 5555H 80H 5555H AAH 2AAAH 55H SA 30H NOTES: 1. Address bit A15 = X = Don't Care. Write Sequences may be initiated with A15 in either state. 2. Address bit A16 = X = Don't Care for all address commands except for Program Address (PA) and Sector Address (SA). 3. RA = Address of the memory location to be read PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse. SA = Address of the sector to be erased. The combination of A16, A15, A14 will uniquely select any sector. 4. RD = Data read from location RA during read Operation. PD = Data to be programmed at location PA. Data is latched on the rising edge of WE. |