Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

APT8065 Datasheet(PDF) 4 Page - Advanced Power Technology

No. de pieza APT8065
Descripción Electrónicos  Power MOS V is a new generation of high voltage N-Channel enhancement mode power MOSFETs.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ADPOW [Advanced Power Technology]
Página de inicio  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

APT8065 Datasheet(HTML) 4 Page - Advanced Power Technology

  APT8065 Datasheet HTML 1Page - Advanced Power Technology APT8065 Datasheet HTML 2Page - Advanced Power Technology APT8065 Datasheet HTML 3Page - Advanced Power Technology APT8065 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
V
DS
, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
FIGURE 10, MAXIMUM SAFE OPERATING AREA
FIGURE 11, TYPICAL CAPACITANCE vs DRAIN-TO-SOURCE VOLTAGE
Qg, TOTAL GATE CHARGE (nC)
V
SD
, SOURCE-TO-DRAIN VOLTAGE (VOLTS)
FIGURE 12, GATE CHARGES vs GATE-TO-SOURCE VOLTAGE
FIGURE 13, TYPICAL SOURCE-DRAIN DIODE FORWARD VOLTAGE
APT8065AVR
1
5
10
50 100
800
.01
.1
1
10
50
0
50
100
150
200
250
300
0.2
0.4
0.6
0.8
1.0
1.2
TC =+25°C
TJ =+150°C
SINGLE PULSE
50
10
5
1
.5
.1
20
16
12
8
4
0
OPERATION HERE
LIMITED BY RDS (ON)
TJ =+150°C
TJ =+25°C
Crss
Coss
Ciss
15,000
10,000
5,000
1,000
500
100
50
10
5
1
.5
.1
VDS=100V
VDS=400V
I
D
= I
D
[Cont.]
10
µS
1mS
10mS
100mS
DC
100
µS
VDS=250V
APT's devices are covered by one or more of the following U.S.patents: 4,895,810
5,045,903
5,089,434
5,182,234
5,019,522
5,262,336
5,256,583
4,748,103
5,283,202
5,231,474
5,434,095
5,528,058
TO-3 (TO-204AE) Package Outline
22.23 (.875) Max.
6.35 (.250)
9.15 (.360)
Drain
(Case)
Source
Dimensions in Millimeters and (Inches)
Seating
Plane
7.92 (.312)
12.70 (.500)
1.52 (.060)
3.43 (.135)
1.47 (.058)
1.60 (.063)
(2-Places)
16.64 (.655)
17.15 (.675)
29.90 (1.177)
30.40 (1.197)
38.61 (1.52)
39.12 (1.54)
25.15 (0.990)
26.67 (1.050)
10.67 (.420)
11.18 (.440)
5.21 (.205)
5.72 (.225)
3.84 (.151)
4.09 (.161)
(2-Places)
Gate



Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com