Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

02-08-1201 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

No. de pieza 02-08-1201
Descripción Electrónicos  Disk Drive Power Connection System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOLEX5 [Molex Electronics Ltd.]
Página de inicio  http://www.molex.com
Logo MOLEX5 - Molex Electronics Ltd.

02-08-1201 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  02-08-1201 Datasheet HTML 1Page - Molex Electronics Ltd. 02-08-1201 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 04/30/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
02-08-1201
Status:
Active
Overview:
Disk Drive Power Connector
Description:
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor
Bronze, AWG 14-20
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-8981-4M*/4P* (PDF)
General
Product Family
Crimp Terminals
Series
8980
Application
Power
Crimp Quality Equipment
Yes
Overview
Disk Drive Power Connector
Product Name
Disk Drive Power
Physical
Durability (mating cycles max)
50
Gender
Female
Material - Metal
Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Packaging Type
Reel
Plating min - Mating
0.889µm
Plating min - Termination
0.889µm
Termination Interface: Style
Crimp or Compression
Wire Insulation Diameter
2.03-2.74mm
Wire Size AWG
14, 16, 18, 20
Wire Size mm²
N/A
Material Info
Old Part Number
8980-3C
Reference - Drawing Numbers
Product Specification
PS-8981-4M*/4P*
Sales Drawing
SD-8980-3*
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
8980Series
Use With
8981P
Application Tooling
| FAQ
Tooling specifications and manuals are
found by selecting the products below.
Crimp Height Specifications are then
contained in the Application Tooling
Specification document.
Global
Description
Product #
Mini-Mac™
Applicator for
Disk Drive Power
Connector System,
Female 14-20 AWG
0638929000
Hand Crimp Tool
0638117000
Extraction Tool
0011030037
Terminator Die
0011402282
Japan
Description
Product #


Número de pieza similar - 02-08-1201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
02-08-1201 MOLEX1-02-08-1201 Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
02-08-1201 MOLEX2-02-08-1201 Datasheet
322Kb / 6P
HAND CRIMP TOOL SPECIFICATION SHEET
02-08-1201.. MOLEX-02-08-1201.. Datasheet
35Kb / 2P
Disk Drive Power Connector
06/10/2016
More results

Descripción similar - 02-08-1201

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Molex Electronics Ltd.
0002081202 MOLEX1-0002081202 Datasheet
90Kb / 2P
Disk Drive Power Connection System, Female Crimp Terminal, Bag, Phosphor Bronze, 14-20 AWG
0002081201 MOLEX1-0002081201 Datasheet
91Kb / 3P
Disk Drive Power Connection System, Female Crimp Terminal, Reel, Phosphor Bronze, AWG 14-20
0015244048 MOLEX1-0015244048 Datasheet
71Kb / 2P
5.08mm (.200") Pitch Disk Drive Power Connection System, Female Crimp Housing
15-24-4441 MOLEX11-15-24-4441 Datasheet
37Kb / 2P
5.08mm Pitch Disk Drive Power Connection System Header, Right Angle, Through
15-24-4449 MOLEX11-15-24-4449 Datasheet
35Kb / 2P
5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
15-24-4557 MOLEX11-15-24-4557 Datasheet
36Kb / 2P
5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
15-24-4744 MOLEX11-15-24-4744 Datasheet
36Kb / 2P
5.08mm Pitch Disk Drive Power Connection System Header, Vertical, Through Hole, 4
15-24-4048 MOLEX11-15-24-4048 Datasheet
40Kb / 1P
5.08mm Pitch Disk Drive Power Connection System, Female Crimp Housing
logo
Rohm
BD9722FV ROHM-BD9722FV Datasheet
103Kb / 3P
System regulator for hard disk drive systems
logo
Molex Electronics Ltd.
63892-9000 MOLEX-63892-9000 Datasheet
268Kb / 5P
Mini-Mac Applicator for Disk Drive Power Connection System, Female Crimp Terminals
07-20-10
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com